Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBAS5100-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # CDBAS5100-HF
Description  SMD Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBAS5100-HF Datasheet(HTML) 2 Page - Comchip Technology

  CDBAS5100-HF Datasheet HTML 1Page - Comchip Technology CDBAS5100-HF Datasheet HTML 2Page - Comchip Technology CDBAS5100-HF Datasheet HTML 3Page - Comchip Technology CDBAS5100-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
60
100
Percent of Peak Reverse Voltage, (%)
20
40
80
0
0.01
50
0
1.2
0.4
0.8
1.6
Instantaneous Forward Voltage, (V)
10
Rating and Characteristic Curves (CDBAS540-HF Thru. CDBAS5200-HF)
SMD Schottky Barrier Rectifiers
Page 2
QW-JB069
REV:B
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
0
60
100
Number of Cycles
1
10
100
0
4.0
6.0
8.0
Lead Temperature, (°C)
0
160
40
80
20
60
100
2.0
Fig.1 - Derating Curve Output
Rectified Current
120 140
3.0
5.0
7.0
1.0
140
120
20
40
80
Fig.2 - Max. Non-Repetitive Peak
Forward Surge Current Per Leg
1 Cycle
1
0.1
1.0
0.2
0.6
1.4
TJ=25°C
CDBAS540-HF
CDBAS5100-HF
CDBAS560-HF
CDBAS5150-HF~CDBAS5200-HF
Fig.3 - Typical Forward Voltage
Characteristics
Fig.4 - Typical Reverse Leakage
Characteristics
0.01
10
1
0.1
0.001
100
CDBAS540~CDBAS560-HF
CDBAS5100~CDBAS5200-HF
TJ=25°C
TJ=100°C
f = 60 Hz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com