Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBD640-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # CDBD640-HF
Description  Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBD640-HF Datasheet(HTML) 2 Page - Comchip Technology

  CDBD640-HF Datasheet HTML 1Page - Comchip Technology CDBD640-HF Datasheet HTML 2Page - Comchip Technology CDBD640-HF Datasheet HTML 3Page - Comchip Technology CDBD640-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Fig.1 - Forward Current Derating Curve
Case Temperature, TC (°C)
100
150
50
0
7
6
5
4
3
2
1
0
Fig.2 - Maximum Non-Repetitive
Forward Surge Current
Number of Cycles at 60HZ
50
0
100
75
100
10
1
Fig.3 - Forward Current vs Forward Voltage
Forward Voltage, VF (V)
10
1
0.01
0.1
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Fig.4 - Reverse Leakage Current vs
Reverse Voltage
140
20
0
40
60
80
100
120
Percent of Rated Peak Reverse Voltage, (%)
10
1
0.01
0.1
100
Schottky Barrier Rectifiers
Rating and Characteristic Curves (CDBD640-HF)
TJ=25°C
TJ=75°C
25
TJ = 25°C
Pulse width=300µs
1% duty cycle
TJ = 25°C
8.3ms single half sine-wave
(JEDEC Method)
Page 2
QW-JB077
REV:B
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com