Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBHA10200LR-HF Datasheet(PDF) 4 Page - Comchip Technology

Part # CDBHA10200LR-HF
Description  Ultra Low VF Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBHA10200LR-HF Datasheet(HTML) 4 Page - Comchip Technology

  CDBHA10200LR-HF Datasheet HTML 1Page - Comchip Technology CDBHA10200LR-HF Datasheet HTML 2Page - Comchip Technology CDBHA10200LR-HF Datasheet HTML 3Page - Comchip Technology CDBHA10200LR-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Comchip Technology CO., LTD.
Page 4
Ultra Low VF Schottky Barrier Rectifiers
QW-JL042
REV:A
Marking Code
Part Number
Marking Code
Standard Packaging
Case Type
TO-277B
13
REEL
(pcs)
REEL PACK
5,000
Reel Size
(inch)
CDBHA10200LR-HF
SP10U200UL
SP10U200UL
Suggested P.C.B. PAD Layout
SIZE
(inch)
0.031
(mm)
0.80
1.40
0.90
0.055
0.035
3.60
0.142
A
B
C
D
TO-277B
4.70
0.185
3.87
0.152
E
F
6.60
0.260
G
A
B
C
D
E
F
G



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com