Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBHA15100-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # CDBHA15100-HF
Description  SMD Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBHA15100-HF Datasheet(HTML) 1 Page - Comchip Technology

  CDBHA15100-HF Datasheet HTML 1Page - Comchip Technology CDBHA15100-HF Datasheet HTML 2Page - Comchip Technology CDBHA15100-HF Datasheet HTML 3Page - Comchip Technology CDBHA15100-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CDBHA15100-HF
Reverse Voltage: 100V
Forward Current: 15A
RoHS Device
Comchip Technology CO., LTD.
SMD Schottky Barrier Rectifiers
Halogen Free
Mechanical data
- Case: TO-277B, molded plastic.
- Terminals: Solder plated, solderable per MIL-STD-202,
method 208.
- Epoxy: UL flammability classification rating 94V-0.
Features
- Metal silicon junction, majority carrier conduction.
- High surge capability.
- High temperature soldering guaranteed:
260°C/10 seconds.
- High current capability, low forward voltage drop.
Maximum Ratings (at TA=25°C, unless otherwise noted)
Parameter
Unit
Peak repetitive reverse voltage
DC blocking voltage
Maximum average forward output current
Symbol
VRRM
VDC
IFSM
100
250
V
V
A
A
Value
100
15
RMS reverse voltage
VRMS
70
V
IF(AV)
Peak forward surge current, 8.3ms single half sine-wave
Operating junction temperature range
TJ
-55 ~ +150
°C
Storage temperature range
TSTG
-55 ~ +150
°C
RθJL
15
Typical thermal resistance (Note 1)
°C/W
RθJC
RθJA
20
60
Notes: 1. Device mounted on PCB with 10mm x 20mm x 0.1mm copper pad areas.
Electrical Characteristics (at TA=25°C, unless otherwise noted)
Unit
Conditions
Parameter
Max.
Symbol
Min.
Max. instantaneous forward voltage (Note 1)
VF
IF = 15A,
@TA = 25°C
Typ.
Rated VR,
0.7
10
IR
Maximum reverse current (Note 2)
mA
V
250
@TJ = 25°C
μA
@TJ = 100°C
Notes: 1. Pulse test: 300µs pulse width, 1% duty cycle.
2. Pulse test: pulse width 40ms.
Circuit Diagram
Bottom side
heat sink
Left Pin
Right Pin
TO-277B
Dimension in inches and (millimeter)
0.169(4.30)
0.148(3.75)
0.051(1.30)
0.033(0.85)
0.144(3.65)
0.120(3.05)
0.030(0.75)
0.018(0.45)
0.126(3.20)
0.110(2.80)
0.079(2.00)
0.065(1.65)
0.264(6.70)
0.250(6.35)
0.217(5.50)
0.207(5.25)
0.077(1.95)
0.065(1.65)
0.041(1.05)
0.030(0.75)
0.045(1.15)
0.038(0.96)
0.017(0.43)
0.006(0.15)
0.017(0.43)
0.006(0.15)
REV:B
Page 1
QW-JB091


Similar Part No. - CDBHA15100-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBHA15150-HF COMCHIP-CDBHA15150-HF Datasheet
474Kb / 4P
SMD Schottky Barrier Rectifiers
REV:B
More results

Similar Description - CDBHA15100-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBC520-G COMCHIP-CDBC520-G Datasheet
563Kb / 2P
SMD Schottky Barrier Rectifiers
CDBA220-HF COMCHIP-CDBA220-HF Datasheet
94Kb / 4P
SMD Schottky Barrier Rectifiers
CDBA320-G COMCHIP-CDBA320-G_12 Datasheet
111Kb / 4P
SMD Schottky Barrier Rectifiers
CDBA3150-HF COMCHIP-CDBA3150-HF Datasheet
97Kb / 4P
SMD Schottky Barrier Rectifiers
CDBB320-G COMCHIP-CDBB320-G_12 Datasheet
111Kb / 4P
SMD Schottky Barrier Rectifiers
CDBB5150-HF COMCHIP-CDBB5150-HF Datasheet
98Kb / 4P
SMD Schottky Barrier Rectifiers
CDBC3150-HF COMCHIP-CDBC3150-HF Datasheet
96Kb / 4P
SMD Schottky Barrier Rectifiers
CDBFN120-HF COMCHIP-CDBFN120-HF_12 Datasheet
95Kb / 4P
SMD Schottky Barrier Rectifiers
CDBZ5T30100-HF COMCHIP-CDBZ5T30100-HF Datasheet
610Kb / 4P
SMD Schottky Barrier Rectifiers
CDBZ630100-HF COMCHIP-CDBZ630100-HF Datasheet
725Kb / 4P
SMD Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com