Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBHA1545-HF Datasheet(PDF) 3 Page - Comchip Technology

Part # CDBHA1545-HF
Description  SMD Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBHA1545-HF Datasheet(HTML) 3 Page - Comchip Technology

  CDBHA1545-HF Datasheet HTML 1Page - Comchip Technology CDBHA1545-HF Datasheet HTML 2Page - Comchip Technology CDBHA1545-HF Datasheet HTML 3Page - Comchip Technology CDBHA1545-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SMD Schottky Barrier Rectifiers
Trailer
Device
Leader
.......
.......
.......
.......
.......
.......
.......
.......
End
Start
Direction of Feed
400mm (min)
160mm (min)
D
D1
D2
W1
Index hole
A
B
C
d
E
F
P
P0
P1
T
W
SYMBOL
(mm)
(inch)
E
F
P
P0
P1
T
W
W1
TO-277B
SYMBOL
(mm)
(inch)
A
B
C
d
D
D1
D2
4.30 ± 0.10
13.50 ± 0.50
6.80 ± 0.10
1.50 ± 0.10
1.55 ± 0.10
330 ± 1.00
0.169 ± 0.004
0.268 ± 0.004
0.059 ± 0.004
0.061 ± 0.004 12.992 ± 0.039
0.531 ± 0.020
0.069 ± 0.004
0.217 ± 0.004
0.315 ± 0.004
0.157 ± 0.004
0.079 ± 0.004
0.009 ± 0.002
0.472 ± 0.004
1.75 ± 0.10
5.50 ± 0.10
8.00 ± 0.10
4.00 ± 0.10
2.00 ± 0.10
0.23 ± 0.05
12.00 ± 0.10
17.00 ± 1.00
2.953 ± 0.039
75.00 ± 1.00
0.669 ± 0.039
TO-277B
Reel Taping Specification
Comchip Technology CO., LTD.
QW-JB092
Page 3
REV:B



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com