Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBKA20120L-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # CDBKA20120L-HF
Description  Low VF Schottky Rectifiers
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBKA20120L-HF Datasheet(HTML) 2 Page - Comchip Technology

  CDBKA20120L-HF Datasheet HTML 1Page - Comchip Technology CDBKA20120L-HF Datasheet HTML 2Page - Comchip Technology CDBKA20120L-HF Datasheet HTML 3Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Rating and Characteristics Curves (CDBKA20120L-HF)
Comchip Technology CO., LTD.
Page 2
Low VF Schottky Rectifiers
Parameter
Conditions
Min
Max
Unit
V
V
Typ
Electrical Characteristics (at Ta=25°C unless otherwise noted)
Symbol
VBR
VF
IR
Breakdown voltage per diode
Reverse current per diode
Instantaneous forward voltage per diode
µA
IR = 0.5mA, TJ = 25°C
IF = 1A, TJ = 25°C
IF = 5A, TJ = 25°C
IF = 10A, TJ = 25°C
IF = 1A, TJ = 125°C
IF = 5A, TJ = 125°C
µA
mA
VR = 120V, TJ = 125°C
VR = 120V, TJ = 25°C
VR = 96V, TJ = 25°C
120
0.48
0.64
0.76
0.80
0.41
0.56
2
2.6
50
Fig.1 - Forward Current Derating Curve
Case Temperature, TC (°C)
0
2.5
5
7.5
12.5
0
25
150
Fig.2 - Typical Junction Capacitance
50
75
100
125
Per diode
1
10
100
1000
1
10
10
100
Reverse Bias Voltage, VR (V)
Per diode
Forward Voltage, VF (V)
1
0.01
0.1
10
0
0.4
0.8
Fig.4 - Typical Forward Capacitance
1.0
1
0.01
100
Fig.3 - Typical Reverse Characteristics
Percent of Rated Peak Reverse Voltage, (%)
0.0001
10
20
70
30
60
80
100
90
10
0.2
0.6
0.1
Per diode
TJ=25°C
TJ=75°C
TJ=150°C
TJ=125°C
50
40
Per diode
TJ=150°C
TJ=125°C
TJ=75°C
TJ=25°C
0.001
QW-JB112
REV:B



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com