Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBMS140-HF Datasheet(PDF) 4 Page - Comchip Technology

Part # CDBMS140-HF
Description  SMD Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBMS140-HF Datasheet(HTML) 4 Page - Comchip Technology

  CDBMS140-HF Datasheet HTML 1Page - Comchip Technology CDBMS140-HF Datasheet HTML 2Page - Comchip Technology CDBMS140-HF Datasheet HTML 3Page - Comchip Technology CDBMS140-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Part Number
Marking Code
Marking Code
Standard Packaging
SOD-123F
Case Type
3,000
REEL
( pcs )
Reel Size
(inch)
REEL PACK
XX = Product type marking code
XX
SIZE
(inch)
0.053
(mm)
1.34
1.80
1.52
0.071
0.060
B
C
A
SOD-123F
A
B
C
Suggested PAD Layout
Note: 1.The pad layout is for reference purposes only.
D
E
2.86
4.20
0.113
0.165
D
E
SMD Schottky Barrier Rectifiers
Page 4
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
QW-JB061
“ ” = Halogen Free
CDBMS140-HF
CDBMS160-HF
C4.
C6.
CDBMS1100-HF
CDBMS1150-HF
CDBMS1200-HF
CA.
CB.
CC.
7
REV:B



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com