Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

910-Y/05 Datasheet(PDF) 1 Page - WECO ELECTRICAL CONNECTORS INC.

Part # 910-Y/05
Description  PCB connector Screw connection, 2 solder pins per pole
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WECO [WECO ELECTRICAL CONNECTORS INC.]
Direct Link  https://wecoconnectors.com/en/
Logo WECO - WECO ELECTRICAL CONNECTORS INC.

910-Y/05 Datasheet(HTML) 1 Page - WECO ELECTRICAL CONNECTORS INC.

  910-Y/05 Datasheet HTML 1Page - WECO ELECTRICAL CONNECTORS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TECHNICAL DATA SHEET
910-Y(-DS)
PCB connector
Screw connection, 2 solder pins per pole
11.17
MATERIAL
Moulding
PA, grey, V-0
Comparative Tracking Index
CTI 400
Insulating Group
II
Temperature Range
-40°C up to 100°C
Terminal body
Tin plated brass
Screw
M3,5; zinc plated steel, blue passivated
Solder pin
1,0 x 1,2 mm; tin plated brass
Wire protector
Tin plated tin bronze
OPTIONS / ACCESSORIES
• Consecutive numbering
• Special marking according to drawing
• Self-adhesive marking strip BST-10,00
[1] for 910-Y-DS: 26 - 10 AWG
[2] Acc. to IEC 60947-7-4 und IEC 60947-1
CONFIGURATIONS
Poles Part number
Article number
Part number
Article number
Length (L)
Packaging
PU
2 910-Y/02
30.876.002
910-Y-DS/02
40.876.002
18,00 mm
Box
250
3 910-Y/03
30.876.003
910-Y-DS/03
40.876.003
28,00 mm
Box
250
4 910-Y/04
30.876.004
910-Y-DS/04
40.876.004
38,00 mm
Box
200
5 910-Y/05
30.876.005
910-Y-DS/05
40.876.005
48,00 mm
Box
100
6 910-Y/06
30.876.006
910-Y-DS/06
40.876.006
58,00 mm
Box
100
GENERAL INFORMATION
Pitch
10 mm
No. of poles
2 - 12
TECHNICAL DATA
Clamping Range
solid / stranded / AWG
without wire protector
2,5 - 10 mm² / 2,5 - 6 mm² / 14 - 10 AWG
with wire protector
1,5 - 6 mm² / 1,5 - 4 mm² / 16 - 12 AWG
Rated Cross Section
4 mm²
Wire Stripping Length
6,5 mm ± 0,5 mm
Overvoltage Category
III
III
II
Pollution Severity Level
3
2
2
Rated Voltage
500 V
630 V
1000 V
Rated Impulse Voltage
6 kV
6 kV
6 kV
Rated Current
25 A
Hole in PCB
ø 1,8 mm
Torque
0,8 Nm
APPROVALS
Current [A]
Voltage [V]
Group
AWG
[Nm]
25
300
B
18 - 10
0,79
25
10
300
300
B
D, E
22-10 [1]
22-10 [1]
0,79
0,79
Current [A]
Voltage [V]
mm²
32
750
4,0 [2]
WECO Electrical Connectors Inc., 18050 Trans-Canada Highway,
Kirkland, Québec, Canada, H9J 4A1
Phone: 800.724.2928 | Phone: 514.694.9136 | Fax: 514.694.0956
weco@wecoconnectors.com
© Copyright by WECO
All rights reserved.WECO® is a brand of the WECO Group.
Information provided in this document may be changed without prior notice.
Please refer to our website for the full disclaimer.


Similar Part No. - 910-Y/05

ManufacturerPart #DatasheetDescription
logo
Magnetrol International...
910-YM20-006 MAGNETROL-910-YM20-006 Datasheet
289Kb / 12P
Echotel짰 Model 910
910-YM21-006 MAGNETROL-910-YM21-006 Datasheet
199Kb / 4P
Echotel짰 Model 910 Ultrasonic Level Switch
More results

Similar Description - 910-Y/05

ManufacturerPart #DatasheetDescription
logo
WECO ELECTRICAL CONNECT...
971-DOPG WECO-971-DOPG Datasheet
84Kb / 1P
PCB connector Screw connection, 2 clamping units per pole
02.13
978-TY WECO-978-TY Datasheet
93Kb / 1P
PCB connector Screw connection, 2 solder pins per pole, interlocking, large conductor space
11.17
978-Y WECO-978-Y Datasheet
78Kb / 1P
PCB connector Screw connection, 2 solder pins per pole, large conductor space
11.17
980-D WECO-980-D Datasheet
86Kb / 1P
PCB connector Screw connection, 2 solder pins per pole
04.19
980-S WECO-980-S Datasheet
55Kb / 1P
PCB connector Screw connection, 1 solder pin per pole
04.19
982-D WECO-982-D Datasheet
184Kb / 1P
Screw connection, 2 solder pins per pole
11.11
983-D WECO-983-D Datasheet
104Kb / 1P
PCB connector Screw connection, 2 solder pins per pole
10.20
983-FD WECO-983-FD Datasheet
222Kb / 1P
Tab connector Tab/screw connection, 2 solder pins per pole
07.19
983-S WECO-983-S Datasheet
97Kb / 1P
PCB connector Screw connection, 1 solder pin per pole
10.20
983-UD WECO-983-UD Datasheet
61Kb / 1P
PCB connector Screw connection, 2 solder pins per pole, with surrounding rib
05.12
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com