Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

931-FST/02 Datasheet(PDF) 1 Page - WECO ELECTRICAL CONNECTORS INC.

Part # 931-FST/02
Description  Tab connector
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WECO [WECO ELECTRICAL CONNECTORS INC.]
Direct Link  https://wecoconnectors.com/en/
Logo WECO - WECO ELECTRICAL CONNECTORS INC.

931-FST/02 Datasheet(HTML) 1 Page - WECO ELECTRICAL CONNECTORS INC.

  931-FST/02 Datasheet HTML 1Page - WECO ELECTRICAL CONNECTORS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TECHNICAL DATA SHEET
931-FST
Tab connector
07.19
MATERIAL
Moulding
PA, grey, V-0
Comparative Tracking Index
CTI 250
Insulating Group
IIIa
Temperature Range
-40°C up to 100°C
Solder pin
1,4 x 0,8 mm; tin plated brass
Tab
2,8 x 0,8 mm; tin plated brass
OPTIONS / ACCESSORIES
• Pitch of 7 mm for larger clearance and creepage distances
CONFIGURATIONS
Poles Part number
Article number
Length (L)
Packaging
PU
2 931-FST/02
12.893.705
7,00 mm
Box
1000
3 931-FST/03
13.893.705
10,50 mm
Box
1000
4 931-FST/04
14.893.705
14,00 mm
Box
500
5 931-FST/05
15.893.705
17,50 mm
Box
500
6 931-FST/06
16.893.705
21,00 mm
Box
500
GENERAL INFORMATION
Pitch
3,5 mm
No. of poles
2 - 16
Usable with
plug connector 938-FLDS; receptacle B 2,8
TECHNICAL DATA
Overvoltage Category
III
III
II
Pollution Severity Level
3
2
2
Rated Voltage
160 V
160 V
250 V
Rated Impulse Voltage
2,5 kV
2,5 kV
2,5 kV
Rated Insulation Voltage
130 V acc. to EN 60998-1
Rated Current
7,5 A: with receptacles 2,8; wire 1 mm² (16 AWG)
Hole in PCB
ø 1,8 mm
Other specifications
Rated voltage with insulated receptacles
APPROVALS
Current [A]
Voltage [V]
Group
AWG
[Nm]
6
300
B
6
300
B
WECO Electrical Connectors Inc., 18050 Trans-Canada Highway,
Kirkland, Québec, Canada, H9J 4A1
Phone: 800.724.2928 | Phone: 514.694.9136 | Fax: 514.694.0956
weco@wecoconnectors.com
© Copyright by WECO
All rights reserved.WECO® is a brand of the WECO Group.
Information provided in this document may be changed without prior notice.
Please refer to our website for the full disclaimer.


Similar Part No. - 931-FST/02

ManufacturerPart #DatasheetDescription
logo
Coherent Corp
931-025378 COHERENT-931-025378 Datasheet
1Mb / 8P
Coherent Magnum II
931-026598 COHERENT-931-026598 Datasheet
1Mb / 8P
Coherent Magnum II
logo
WECO ELECTRICAL CONNECT...
931-A-LFDS WECO-931-A-LFDS Datasheet
117Kb / 1P
Screw/solder terminal strip Screw/solder tag connection
05.19
logo
Anderson Power Products...
931-BK APP-931-BK Datasheet
1Mb / 6P
SB® 350 Connectors Up to 500 Amps
REV C7
logo
WECO ELECTRICAL CONNECT...
931-DS/02 WECO-931-DS/02 Datasheet
60Kb / 1P
PCB connector Screw connection, wire entrance vertical to PCB
02.13
More results

Similar Description - 931-FST/02

ManufacturerPart #DatasheetDescription
logo
WECO ELECTRICAL CONNECT...
130-K WECO-130-K Datasheet
63Kb / 1P
Tab connector
06.12
900-SUB-10 WECO-900-SUB-10 Datasheet
84Kb / 1P
Tab connector Tab 2,8 mm
07.19
900-SUB-5 WECO-900-SUB-5 Datasheet
95Kb / 1P
Tab connector Tab 2,8 mm
07.19
900-SUB-7.5 WECO-900-SUB-7.5 Datasheet
89Kb / 1P
Tab connector Tab 2,8 mm
07.19
900-SUC-10 WECO-900-SUC-10 Datasheet
84Kb / 1P
Tab connector Tab 4,8 mm
07.19
900-SUC-5 WECO-900-SUC-5 Datasheet
96Kb / 1P
Tab connector Tab 4,8 mm
07.19
900-SUC-7.5 WECO-900-SUC-7.5 Datasheet
89Kb / 1P
Tab connector Tab 4,8 mm
07.19
900-SUN-10 WECO-900-SUN-10 Datasheet
85Kb / 1P
Tab connector Tab 6,3 mm
07.19
900-SUN-5 WECO-900-SUN-5 Datasheet
97Kb / 1P
Tab connector Tab 6,3 mm
07.19
900-SUN-7.5 WECO-900-SUN-7.5 Datasheet
90Kb / 1P
Tab connector Tab 6,3 mm
07.19
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com