Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

931-SLS/05 Datasheet(PDF) 1 Page - WECO ELECTRICAL CONNECTORS INC.

Part # 931-SLS/05
Description  Pin strip Soldering area ø 1 mm; plug-in area ø 1,3 mm
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WECO [WECO ELECTRICAL CONNECTORS INC.]
Direct Link  https://wecoconnectors.com/en/
Logo WECO - WECO ELECTRICAL CONNECTORS INC.

931-SLS/05 Datasheet(HTML) 1 Page - WECO ELECTRICAL CONNECTORS INC.

  931-SLS/05 Datasheet HTML 1Page - WECO ELECTRICAL CONNECTORS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TECHNICAL DATA SHEET
931-SLS
Pin strip
Soldering area ø 1 mm; plug-in area ø 1,3 mm
04.18
MATERIAL
Moulding
PA, grey, V-0
Comparative Tracking Index
CTI 250
Insulating Group
IIIa
Temperature Range
-40°C up to 100°C
Solder pin
ø 1,3 mm (plug-in-area); ø 1,0 mm (soldering area);
tin plated brass
OPTIONS / ACCESSORIES
• Consecutive numbering
• Pitch of 7 mm for larger clearance and creepage distances
• Other pin length on request
• Single solder pins LST-1,3 x 6,5. ATTENTION: Reduced clearance and
creepage distance due to pin form!
CONFIGURATIONS
Poles Part number
Article number
Length (L)
Packaging
PU
2 931-SLS/02
12.893.701
7,00 mm
Box
1000
3 931-SLS/03
13.893.701
10,50 mm
Box
1000
4 931-SLS/04
14.893.701
14,00 mm
Box
500
5 931-SLS/05
15.893.701
17,50 mm
Box
500
6 931-SLS/06
16.893.701
21,00 mm
Box
500
GENERAL INFORMATION
Pitch
3,5 mm
No. of poles
2 - 16
Usable with
plug connector 938-FLDS
TECHNICAL DATA
Overvoltage Category
III
III
II
Pollution Severity Level
3
2
2
Rated Voltage
100 V
160 V
200 V
Rated Impulse Voltage
2,5 kV
2,5 kV
2,5 kV
Rated Insulation Voltage
130 V acc. to EN 60998-1
Rated Current
6 A
Hole in PCB
ø 1,3 mm
APPROVALS
Current [A]
Voltage [V]
Group
AWG
[Nm]
6
150
B
6
150
B
WECO Electrical Connectors Inc., 18050 Trans-Canada Highway,
Kirkland, Québec, Canada, H9J 4A1
Phone: 800.724.2928 | Phone: 514.694.9136 | Fax: 514.694.0956
weco@wecoconnectors.com
© Copyright by WECO
All rights reserved.WECO® is a brand of the WECO Group.
Information provided in this document may be changed without prior notice.
Please refer to our website for the full disclaimer.


Similar Part No. - 931-SLS/05

ManufacturerPart #DatasheetDescription
logo
WECO ELECTRICAL CONNECT...
931-SLR-SMD-1.1 WECO-931-SLR-SMD-1.1 Datasheet
85Kb / 1P
Pin strip for SMD Plug-in area ø 1,1 mm
11.17
931-SLR-SMD-1.1/02 WECO-931-SLR-SMD-1.1/02 Datasheet
85Kb / 1P
Pin strip for SMD Plug-in area ø 1,1 mm
11.17
931-SLR-SMD-1.1/02-TR WECO-931-SLR-SMD-1.1/02-TR Datasheet
85Kb / 1P
Pin strip for SMD Plug-in area ø 1,1 mm
11.17
931-SLR-SMD-1.1/03 WECO-931-SLR-SMD-1.1/03 Datasheet
85Kb / 1P
Pin strip for SMD Plug-in area ø 1,1 mm
11.17
931-SLR-SMD-1.1/03-TR WECO-931-SLR-SMD-1.1/03-TR Datasheet
85Kb / 1P
Pin strip for SMD Plug-in area ø 1,1 mm
11.17
More results

Similar Description - 931-SLS/05

ManufacturerPart #DatasheetDescription
logo
WECO ELECTRICAL CONNECT...
931-SLR-SMD-1.3 WECO-931-SLR-SMD-1.3 Datasheet
91Kb / 1P
Pin strip for SMD Plug-in area ø 1,3 mm
11.17
931-SLR-THR-1.3 WECO-931-SLR-THR-1.3 Datasheet
92Kb / 1P
Pin strip for THR Soldering/plug-in area ø 1,3 mm
11.17
931-SLR-THR WECO-931-SLR-THR Datasheet
88Kb / 1P
Pin strip for THR Soldering area ø 1 mm; plug-in area ø 1,3 mm
11.17
971-FBWP WECO-971-FBWP Datasheet
62Kb / 1P
Pin strip Plug-in area ø 1,3 mm, with locking plate
05.11
971-SLR-SMD-1.3 WECO-971-SLR-SMD-1.3 Datasheet
90Kb / 1P
Pin strip for SMD Plug-in area ø 1,3 mm
11.17
971-SLR-THR-1.3 WECO-971-SLR-THR-1.3 Datasheet
87Kb / 1P
Pin strip for THR Soldering/plug-in area ø 1,3 mm
11.17
971-SLR-THR WECO-971-SLR-THR Datasheet
86Kb / 1P
Pin strip for THR Soldering area ø 1 mm; plug-in area ø 1,3 mm
11.17
971-SLR WECO-971-SLR Datasheet
70Kb / 1P
Pin strip Soldering area ø 1 mm; plug-in area ø 1,3 mm
07.19
971-SLS WECO-971-SLS Datasheet
52Kb / 1P
Pin strip Soldering area ø 1 mm; plug-in area ø 1,3 mm, with support
07.19
971-SLW WECO-971-SLW Datasheet
54Kb / 1P
Pin strip Soldering area ø 1 mm; plug-in area ø 1,3 mm, with long support
07.19
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com