Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

950-RFL-DS Datasheet(PDF) 1 Page - WECO ELECTRICAL CONNECTORS INC.

Part # 950-RFL-DS
Description  Plug connector Screw connection, with locking device on the sides
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WECO [WECO ELECTRICAL CONNECTORS INC.]
Direct Link  https://wecoconnectors.com/en/
Logo WECO - WECO ELECTRICAL CONNECTORS INC.

950-RFL-DS Datasheet(HTML) 1 Page - WECO ELECTRICAL CONNECTORS INC.

  950-RFL-DS Datasheet HTML 1Page - WECO ELECTRICAL CONNECTORS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TECHNICAL DATA SHEET
950-RFL-DS
Plug connector
Screw connection, with locking device on the sides
05.11
MATERIAL
Moulding
PA, grey, V-0
Comparative Tracking Index
CTI ≥ 600
Insulating Group
I
Temperature Range
-40°C up to 100°C
Terminal body
Nickel plated brass
Screw
M2,6; zinc plated steel, blue passivated
Wire protector
Tin plated tin bronze
Spring
Tin plated tin bronze
OPTIONS / ACCESSORIES
• Consecutive numbering
• Special marking according to drawing
• Self-adhesive marking strip BST-5,00
• Pitch of 10 mm for larger clearance and creepage distances
CONFIGURATIONS
Poles Part number
Article number
Length (L)
Packaging
PU
2 950-RFL-DS/02
20.871.760
10,00 mm
Box
250
3 950-RFL-DS/03
20.871.758
15,00 mm
Box
250
4 950-RFL-DS/04
20.871.762
20,00 mm
Box
250
5 950-RFL-DS/05
20.871.763
25,00 mm
Box
100
6 950-RFL-DS/06
20.871.756
30,00 mm
Box
100
GENERAL INFORMATION
Pitch
5 mm
No. of poles
2 - 12
Usable with
pin strips of series 971
TECHNICAL DATA
Clamping Range
solid / stranded / AWG
0,34 - 2,5 mm² / 0,34 - 1,5 mm² / 22 - 14 AWG
Rated Cross Section
1,5 mm²
Wire Stripping Length
6 mm ± 0,5 mm
Overvoltage Category
III
III
II
Pollution Severity Level
3
2
2
Rated Voltage
320 V
320 V
630 V
Rated Impulse Voltage
4 kV
4 kV
4 kV
Rated Insulation Voltage
250 V acc. to EN 60998-1
Rated Current
6 A
Torque
0,4 Nm
Other specifications
By use with pins LST-1,3: III-3-160V-2,5 kV
APPROVALS
Current [A]
Voltage [V]
Group
AWG
[Nm]
10
300
B
26 - 14
0,4
10
300
B
26 - 14
0,4
WECO Electrical Connectors Inc., 18050 Trans-Canada Highway,
Kirkland, Québec, Canada, H9J 4A1
Phone: 800.724.2928 | Phone: 514.694.9136 | Fax: 514.694.0956
weco@wecoconnectors.com
© Copyright by WECO
All rights reserved.WECO® is a brand of the WECO Group.
Information provided in this document may be changed without prior notice.
Please refer to our website for the full disclaimer.


Similar Part No. - 950-RFL-DS

ManufacturerPart #DatasheetDescription
logo
FCI connector
950-400A-B1D FCI-CONNECTOR-950-400A-B1D Datasheet
368Kb / 18P
Report EL-2011-04-020A CR-PE
logo
WECO ELECTRICAL CONNECT...
950-D-SMD-DS WECO-950-D-SMD-DS Datasheet
96Kb / 1P
PCB connector for SMD Screw connection
01.18
950-D-SMD-DS/02 WECO-950-D-SMD-DS/02 Datasheet
96Kb / 1P
PCB connector for SMD Screw connection
01.18
950-D-SMD-DS/02-TR WECO-950-D-SMD-DS/02-TR Datasheet
96Kb / 1P
PCB connector for SMD Screw connection
01.18
950-D-SMD-DS/03 WECO-950-D-SMD-DS/03 Datasheet
96Kb / 1P
PCB connector for SMD Screw connection
01.18
More results

Similar Description - 950-RFL-DS

ManufacturerPart #DatasheetDescription
logo
WECO ELECTRICAL CONNECT...
110-A-111 WECO-110-A-111 Datasheet
89Kb / 1P
Plug connector Screw connection
07.19
121-A-111 WECO-121-A-111 Datasheet
113Kb / 1P
Plug connector Screw connection
07.19
121-D-121 WECO-121-D-121 Datasheet
101Kb / 1P
Plug connector Screw connection
07.19
130-P WECO-130-P Datasheet
113Kb / 1P
Plug connector Screw connection, direct contacting with the PCB
10.16
950-NLFL-DS WECO-950-NLFL-DS Datasheet
60Kb / 1P
Plug connector Screw connection, with locking foot
05.11
970-FBW WECO-970-FBW Datasheet
64Kb / 1P
Plug connector Screw connection, plugable from the bottom
11.17
115-F-111 WECO-115-F-111 Datasheet
72Kb / 1P
Plug connector Screw connection
05.11
115-F-211 WECO-115-F-211 Datasheet
116Kb / 1P
Plug connector Screw connection, with snap-on foots
05.11
120-A-111 WECO-120-A-111 Datasheet
112Kb / 1P
Plug connector Screw connection
07.19
122-D-121 WECO-122-D-121 Datasheet
75Kb / 1P
Plug connector Screw connection
07.19
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com