Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

950-SLS/03 Datasheet(PDF) 1 Page - WECO ELECTRICAL CONNECTORS INC.

Part # 950-SLS/03
Description  Pin Strip Plug-in direction parallel to PCB
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WECO [WECO ELECTRICAL CONNECTORS INC.]
Direct Link  https://wecoconnectors.com/en/
Logo WECO - WECO ELECTRICAL CONNECTORS INC.

950-SLS/03 Datasheet(HTML) 1 Page - WECO ELECTRICAL CONNECTORS INC.

  950-SLS/03 Datasheet HTML 1Page - WECO ELECTRICAL CONNECTORS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TECHNICAL DATA SHEET
950-SLS
Pin Strip
Plug-in direction parallel to PCB
06.11
MATERIAL
Moulding
PA, grey, V-0
Comparative Tracking Index
CTI 400
Insulating Group
II
Temperature Range
-40°C up to 100°C
Solder pin
ø 1,3 mm; tin plated brass
OPTIONS / ACCESSORIES
• Pitch of 10 mm for larger clearance and creepage distances
• Other pin lengths on request
• Other pin surfaces on request
CONFIGURATIONS
Poles Part number
Article number
Length (L)
Packaging
PU
2 950-SLS/02
12.893.101
8,50 mm
Box
1000
3 950-SLS/03
13.893.101
13,50 mm
Box
500
4 950-SLS/04
14.893.101
18,50 mm
Box
250
5 950-SLS/05
15.893.101
23,50 mm
Box
250
6 950-SLS/06
16.893.101
28,50 mm
Box
250
GENERAL INFORMATION
Pitch
5 mm
No. of poles
2 - 24
TECHNICAL DATA
Overvoltage Category
III
III
II
Pollution Severity Level
3
2
2
Rated Voltage
250 V
320 V
500 V
Rated Impulse Voltage
4 kV
4 kV
4 kV
Rated Insulation Voltage
250 V acc. to EN 60998-1
Rated Current
6 A
Hole in PCB
ø 1,6 mm
APPROVALS
Current [A]
Voltage [V]
Group
AWG
[Nm]
10
300
B
10
300
B
WECO Electrical Connectors Inc., 18050 Trans-Canada Highway,
Kirkland, Québec, Canada, H9J 4A1
Phone: 800.724.2928 | Phone: 514.694.9136 | Fax: 514.694.0956
weco@wecoconnectors.com
© Copyright by WECO
All rights reserved.WECO® is a brand of the WECO Group.
Information provided in this document may be changed without prior notice.
Please refer to our website for the full disclaimer.


Similar Part No. - 950-SLS/03

ManufacturerPart #DatasheetDescription
logo
WECO ELECTRICAL CONNECT...
950-SVG WECO-950-SVG Datasheet
64Kb / 1P
Plug connector Screw connection, with solder pin
06.11
950-SVG/02 WECO-950-SVG/02 Datasheet
64Kb / 1P
Plug connector Screw connection, with solder pin
06.11
950-SVG/03 WECO-950-SVG/03 Datasheet
64Kb / 1P
Plug connector Screw connection, with solder pin
06.11
950-SVG/04 WECO-950-SVG/04 Datasheet
64Kb / 1P
Plug connector Screw connection, with solder pin
06.11
950-SVG/05 WECO-950-SVG/05 Datasheet
64Kb / 1P
Plug connector Screw connection, with solder pin
06.11
More results

Similar Description - 950-SLS/03

ManufacturerPart #DatasheetDescription
logo
WECO ELECTRICAL CONNECT...
110-M-211-SMD WECO-110-M-211-SMD Datasheet
81Kb / 1P
Pin strip for SMD Plug-in direction parallel to PCB
11.17
120-M-181 WECO-120-M-181 Datasheet
79Kb / 1P
Pin strip Plug-in direction parallel to PCB, tall version
07.19
120-M-311 WECO-120-M-311 Datasheet
80Kb / 1P
Pin strip Plug-in direction parallel to PCB, with support
07.19
121-M-111 WECO-121-M-111 Datasheet
81Kb / 1P
Pin strip Plug-in direction parallel to PCB
07.19
121-M-151 WECO-121-M-151 Datasheet
83Kb / 1P
Pin strip Plug-in direction parallel to PCB, two-tier version
07.19
121-M-181 WECO-121-M-181 Datasheet
80Kb / 1P
Pin strip Plug-in direction parallel to PCB, tall version
07.19
121-ME-211 WECO-121-ME-211 Datasheet
85Kb / 1P
Pin strip Plug-in direction parallel to PCB
05.22
122-M-111 WECO-122-M-111 Datasheet
81Kb / 1P
Pin strip Plug-in direction parallel to PCB
07.19
110-M-211-THR WECO-110-M-211-THR Datasheet
86Kb / 1P
Pin strip for THR Plug-in direction parallel to PCB
11.17
110-ME-111 WECO-110-ME-111 Datasheet
77Kb / 1P
Pin strip Plug-in direction parallel to PCB
09.20
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com