Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

951/02 Datasheet(PDF) 1 Page - WECO ELECTRICAL CONNECTORS INC.

Part # 951/02
Description  PCB connector Screw connection, wire entrance vertical to PCB
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WECO [WECO ELECTRICAL CONNECTORS INC.]
Direct Link  https://wecoconnectors.com/en/
Logo WECO - WECO ELECTRICAL CONNECTORS INC.

951/02 Datasheet(HTML) 1 Page - WECO ELECTRICAL CONNECTORS INC.

  951/02 Datasheet HTML 1Page - WECO ELECTRICAL CONNECTORS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TECHNICAL DATA SHEET
951(-DS)
PCB connector
Screw connection, wire entrance vertical to PCB
11.17
MATERIAL
Moulding
PA, grey, V-0
Comparative Tracking Index
2-8 poles: CTI ≥ 600; 9-32 poles: CTI 400
Insulating Group
2-8 poles: I; 9-32 poles: II
Temperature Range
-40°C up to 100°C
Terminal body
Tin plated brass
Screw
M2,6; zinc plated steel, blue passivated
Solder pin
ø 1 mm; tin plated brass
Wire protector
Tin plated tin bronze
OPTIONS / ACCESSORIES
• Consecutive numbering
• Special marking according to drawing
• Self-adhesive marking strip BST-5,00
[1] Acc. to IEC 60947-7-4 und IEC 60947-1
CONFIGURATIONS
Poles Part number
Article number
Part number
Article number
Length (L)
Packaging
PU
2 951/02
10.871.012
951-DS/02
20.871.012
10,00 mm
Box
250
3 951/03
10.871.083
951-DS/03
20.871.083
15,00 mm
Box
250
4 951/04
10.871.084
951-DS/04
20.871.084
20,00 mm
Box
200
5 951/05
10.871.085
951-DS/05
20.871.085
25,00 mm
Box
100
6 951/06
10.871.086
951-DS/06
20.871.086
30,00 mm
Box
100
GENERAL INFORMATION
Pitch
5 mm
No. of poles
2 - 32
TECHNICAL DATA
Clamping Range
solid / stranded / AWG
without wire protector
0,75 - 4 mm² / 0,75 - 2,5 mm² / 18 - 12 AWG
with wire protector
0,34 - 2,5 mm² / 0,34 - 2,5 mm² / 22 - 14 AWG
Rated Cross Section
1,5 mm²
Wire Stripping Length
5 mm ± 0,5 mm
Overvoltage Category
III
III
II
Pollution Severity Level
3
2
2
Rated Voltage
160 V (125 V)
160 V
320 V (250 V)
Rated Impulse Voltage
2,5 kV
2,5 kV
2,5 kV
Rated Current
17,5 A
Hole in PCB
ø 1,3 mm
Torque
0,4 Nm
Other specifications
Voltage data in brackets are valid for 9-32 poles
types. 2-8 poles types are "no-flame" acc. to
glow-wire test.
APPROVALS
Current [A]
Voltage [V]
Group
AWG
[Nm]
15
300
B
26 - 14
0,4
15
300
B
26 - 14
0,4
Current [A]
Voltage [V]
mm²
17,5
160
1,5 [1]
WECO Electrical Connectors Inc., 18050 Trans-Canada Highway,
Kirkland, Québec, Canada, H9J 4A1
Phone: 800.724.2928 | Phone: 514.694.9136 | Fax: 514.694.0956
weco@wecoconnectors.com
© Copyright by WECO
All rights reserved.WECO® is a brand of the WECO Group.
Information provided in this document may be changed without prior notice.
Please refer to our website for the full disclaimer.


Similar Part No. - 951/02

ManufacturerPart #DatasheetDescription
logo
EAO AG.
951+2000-00 EAO-951+2000-00 Datasheet
3Mb / 86P
Switches and Indicators
01.2002
951+2000-0P EAO-951+2000-0P Datasheet
3Mb / 86P
Switches and Indicators
01.2002
951+2000-W0 EAO-951+2000-W0 Datasheet
3Mb / 86P
Switches and Indicators
01.2002
951+2000-WP EAO-951+2000-WP Datasheet
3Mb / 86P
Switches and Indicators
01.2002
logo
TE Connectivity Ltd
951-001-001 TEC-951-001-001 Datasheet
821Kb / 2P
WLAN (2.4GHz/5.8GHz) Screw Antenna
More results

Similar Description - 951/02

ManufacturerPart #DatasheetDescription
logo
WECO ELECTRICAL CONNECT...
180-A-121 WECO-180-A-121 Datasheet
90Kb / 1P
PCB connector Screw connection, wire entrance vertical to PCB
07.11
181-A-121 WECO-181-A-121 Datasheet
106Kb / 1P
PCB connector Screw connection, wire entrance vertical to PCB
07.11
210-A-121 WECO-210-A-121 Datasheet
72Kb / 1P
PCB connector Screw connection, wire entrance vertical to PCB
12.12
931 WECO-931 Datasheet
60Kb / 1P
PCB connector Screw connection, wire entrance vertical to PCB
02.13
941 WECO-941 Datasheet
87Kb / 1P
PCB connector Screw connection, wire entrance vertical to PCB
11.17
953 WECO-953 Datasheet
106Kb / 1P
PCB connector Screw connection, wire entrance vertical to PCB
11.17
961 WECO-961 Datasheet
86Kb / 1P
PCB connector Screw connection, wire entrance vertical to PCB
11.17
971 WECO-971 Datasheet
102Kb / 1P
PCB connector Screw connection, wire entrance vertical to PCB
11.17
977-OPSG WECO-977-OPSG Datasheet
147Kb / 1P
PCB connector Screw connection, wire entrance vertical to PCB
11.17
982-W WECO-982-W Datasheet
57Kb / 1P
PCB connector Screw connection, wire entrance vertical to PCB
06.18
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com