Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5745 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # 2SC5745
Description  NPN SILICON RF TWIN TRANSISTOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5745 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button 2SC5745 Datasheet HTML 17Page - Renesas Technology Corp 2SC5745 Datasheet HTML 18Page - Renesas Technology Corp 2SC5745 Datasheet HTML 19Page - Renesas Technology Corp 2SC5745 Datasheet HTML 20Page - Renesas Technology Corp 2SC5745 Datasheet HTML 21Page - Renesas Technology Corp 2SC5745 Datasheet HTML 22Page - Renesas Technology Corp 2SC5745 Datasheet HTML 23Page - Renesas Technology Corp 2SC5745 Datasheet HTML 24Page - Renesas Technology Corp 2SC5745 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
Data Sheet PU10098EJ01V0DS
19
µµµµPA855TD
VCE = 2 V, IC = 10 mA, ZO = 50
Ω
Frequency
S11
S21
S12
S22
(GHz)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
4.0
5.0
0.757
0.730
0.638
0.585
0.532
0.470
0.432
0.398
0.379
0.367
0.355
0.351
0.348
0.347
0.344
0.345
0.350
0.351
0.346
0.358
0.363
0.366
0.363
0.367
0.370
0.375
0.375
0.377
0.376
0.377
0.422
0.472
−18.6
−36.4
−53.4
−68.3
−81.3
−93.0
−103.8
−113.9
−123.8
−132.2
−140.6
−147.9
−154.3
−160.2
−165.8
−171.1
−175.2
179.5
177.2
174.3
171.3
169.3
166.6
163.6
161.7
158.8
157.4
154.5
152.8
149.9
126.9
102.4
17.288
15.936
14.259
12.756
11.422
10.109
9.097
8.189
7.416
6.779
6.207
5.767
5.316
4.956
4.648
4.359
4.119
3.895
3.718
3.513
3.363
3.238
3.107
2.991
2.858
2.757
2.679
2.585
2.509
2.424
1.809
1.411
164.0
151.1
140.2
129.9
121.7
115.0
109.6
104.6
100.7
97.0
93.5
90.4
87.7
84.7
82.4
80.0
78.0
75.7
73.9
71.8
69.9
68.5
66.3
65.3
63.7
61.6
60.1
58.5
57.2
55.6
39.6
24.0
0.017
0.035
0.048
0.059
0.068
0.075
0.081
0.086
0.092
0.097
0.102
0.107
0.111
0.116
0.121
0.126
0.131
0.136
0.140
0.146
0.151
0.156
0.161
0.166
0.171
0.176
0.181
0.186
0.193
0.198
0.251
0.309
79.7
71.7
65.7
60.9
57.1
54.9
53.4
52.5
51.7
51.5
51.4
51.2
50.9
50.7
50.7
50.6
50.4
50.4
50.3
50.3
49.9
49.8
49.6
49.2
49.0
48.3
47.9
47.2
47.0
46.5
41.3
29.4
0.949
0.879
0.798
0.706
0.628
0.550
0.494
0.439
0.398
0.361
0.335
0.309
0.293
0.273
0.262
0.244
0.236
0.220
0.215
0.202
0.199
0.190
0.188
0.181
0.180
0.175
0.172
0.167
0.164
0.156
0.171
0.226
−12.5
−23.8
−33.0
−40.9
−46.9
−52.4
−56.6
−60.6
−64.3
−68.0
−71.3
−74.9
−77.5
−80.7
−82.8
−85.5
−87.5
−89.7
−92.0
−93.8
−96.6
−98.1
−100.6
−101.7
−103.9
−105.0
−106.9
−107.5
−109.8
−111.2
−147.7
−174.9
VCE = 2 V, IC = 20 mA, ZO = 50
Ω
Frequency
S11
S21
S12
S22
(GHz)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
4.0
5.0
0.693
0.646
0.554
0.502
0.457
0.407
0.383
0.356
0.346
0.344
0.337
0.339
0.341
0.343
0.345
0.348
0.355
0.356
0.354
0.364
0.371
0.371
0.372
0.374
0.380
0.383
0.383
0.387
0.384
0.386
0.431
0.478
−23.2
−44.1
−63.5
−79.4
−94.1
−106.1
−117.8
−128.4
−137.6
−145.8
−153.3
−160.1
−165.1
−171.1
−175.7
179.7
176.3
171.7
169.7
167.1
164.7
163.0
161.1
158.2
156.5
153.7
152.3
150.0
148.5
145.6
124.7
100.9
20.755
18.601
16.123
14.027
12.284
10.702
9.538
8.513
7.666
6.969
6.358
5.876
5.440
5.040
4.720
4.413
4.170
3.950
3.765
3.555
3.399
3.275
3.140
3.027
2.892
2.786
2.707
2.611
2.536
2.448
1.820
1.416
161.5
146.4
134.7
124.5
116.5
110.1
105.3
100.5
97.1
93.8
90.7
87.6
85.1
82.3
80.4
78.0
76.3
74.0
72.5
70.4
68.6
67.2
65.2
64.1
62.6
60.5
59.2
57.6
56.2
54.8
39.2
24.1
0.018
0.034
0.045
0.055
0.062
0.069
0.074
0.080
0.085
0.091
0.096
0.102
0.107
0.112
0.118
0.123
0.128
0.134
0.139
0.145
0.151
0.156
0.162
0.167
0.173
0.178
0.183
0.189
0.195
0.201
0.256
0.314
76.8
69.2
64.2
59.7
57.1
55.8
55.1
54.7
54.4
54.4
54.5
54.6
54.2
54.1
54.2
54.1
53.9
53.8
53.5
53.3
53.0
52.7
52.3
51.9
51.5
50.7
50.2
49.4
49.0
48.5
42.2
29.5
0.924
0.833
0.733
0.630
0.551
0.474
0.420
0.370
0.333
0.301
0.279
0.257
0.244
0.227
0.219
0.203
0.197
0.184
0.180
0.169
0.168
0.160
0.160
0.154
0.154
0.149
0.147
0.143
0.140
0.133
0.165
0.228
−15.1
−28.1
−38.2
−46.3
−52.1
−57.3
−61.5
−65.4
−69.2
−73.2
−76.6
−80.6
−83.4
−87.0
−89.2
−92.2
−94.5
−97.3
−99.8
−102.2
−105.2
−107.1
−109.9
−111.0
−113.5
−114.7
−116.9
−117.7
−120.2
−122.3
−158.8
177.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com