Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5436 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # 2SC5436
Description  NPN SILICON RF TWIN TRANSISTOR
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5436 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button 2SC5436 Datasheet HTML 22Page - Renesas Technology Corp 2SC5436 Datasheet HTML 23Page - Renesas Technology Corp 2SC5436 Datasheet HTML 24Page - Renesas Technology Corp 2SC5436 Datasheet HTML 25Page - Renesas Technology Corp 2SC5436 Datasheet HTML 26Page - Renesas Technology Corp 2SC5436 Datasheet HTML 27Page - Renesas Technology Corp 2SC5436 Datasheet HTML 28Page - Renesas Technology Corp 2SC5436 Datasheet HTML 29Page - Renesas Technology Corp 2SC5436 Datasheet HTML 30Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 28 / 30 page
background image
Data Sheet P15686EJ1V0DS
26
µµµµPA863TD
VCE = 2 V, IC = 10 mA, ZO = 50
Ω
Frequency
S11
S21
S12
S22
(GHz)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
0.717
0.644
0.611
0.594
0.585
0.583
0.584
0.586
0.590
0.593
0.595
0.596
0.602
0.608
0.617
0.619
0.622
0.626
0.627
0.634
0.634
0.640
0.640
0.641
0.644
0.647
0.649
0.655
0.651
0.654
−59.4
−97.6
−120.6
−137.0
−148.1
−156.2
−162.4
−167.8
−171.9
−175.8
−178.8
178.0
176.1
173.6
171.9
170.4
168.8
167.3
166.0
164.2
163.2
162.2
160.9
159.7
158.5
157.2
155.8
154.5
153.5
151.8
23.348
17.228
13.025
10.243
8.383
7.082
6.107
5.385
4.775
4.316
3.919
3.600
3.326
3.093
2.888
2.708
2.554
2.413
2.289
2.180
2.080
1.998
1.931
1.851
1.786
1.728
1.670
1.616
1.561
1.500
145.1
123.6
111.4
102.6
96.5
91.6
87.6
83.7
80.8
77.6
74.9
72.2
69.7
67.3
65.0
62.7
60.5
58.3
56.5
54.3
52.4
50.3
48.7
47.0
45.1
43.6
41.9
40.1
38.7
36.9
0.025
0.039
0.045
0.050
0.054
0.058
0.061
0.065
0.069
0.074
0.078
0.082
0.087
0.092
0.097
0.103
0.108
0.114
0.120
0.126
0.132
0.139
0.146
0.153
0.160
0.167
0.175
0.182
0.190
0.198
63.5
51.0
45.3
44.5
45.3
46.7
48.2
50.1
51.8
53.5
55.3
56.7
58.1
59.2
60.4
61.1
62.0
63.0
63.5
64.0
64.4
64.7
64.9
64.9
64.9
64.9
64.5
64.1
63.5
63.1
0.833
0.619
0.478
0.388
0.329
0.287
0.259
0.236
0.220
0.207
0.198
0.192
0.189
0.186
0.186
0.186
0.187
0.187
0.189
0.190
0.192
0.194
0.197
0.199
0.204
0.208
0.213
0.220
0.226
0.231
−27.6
−42.9
−49.8
−53.2
−55.2
−56.9
−58.4
−60.5
−63.0
−65.9
−69.0
−72.3
−75.7
−78.9
−82.1
−85.4
−88.5
−91.7
−94.6
−98.0
−101.1
−104.5
−107.7
−111.1
−114.7
−118.0
−121.7
−124.8
−128.3
−131.3
VCE = 2 V, IC = 20 mA, ZO = 50
Ω
Frequency
S11
S21
S12
S22
(GHz)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
MAG.
ANG.
(deg.)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
1.9
2.0
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
0.585
0.555
0.546
0.546
0.544
0.552
0.553
0.559
0.564
0.571
0.571
0.576
0.584
0.586
0.596
0.599
0.603
0.604
0.608
0.614
0.616
0.618
0.621
0.620
0.623
0.625
0.628
0.632
0.628
0.631
−81.0
−121.9
−140.8
−153.5
−161.5
−167.6
−172.1
−176.3
−179.4
177.7
175.3
172.9
171.2
169.1
167.8
166.6
165.1
164.0
162.8
161.6
160.7
159.8
158.5
157.3
156.4
155.3
154.0
152.8
152.0
150.4
32.144
21.060
15.111
11.601
9.389
7.891
6.777
5.942
5.269
4.754
4.322
3.953
3.650
3.392
3.172
2.975
2.808
2.648
2.514
2.397
2.287
2.193
2.120
2.035
1.960
1.902
1.840
1.775
1.720
1.655
134.9
114.2
104.0
96.9
92.0
88.1
84.7
81.4
78.9
76.0
73.8
71.4
69.3
67.1
65.0
62.9
60.9
58.9
57.2
55.2
53.6
51.4
49.9
48.3
46.5
45.0
43.6
41.9
40.5
38.8
0.021
0.030
0.036
0.041
0.046
0.052
0.058
0.063
0.070
0.076
0.082
0.088
0.094
0.100
0.107
0.113
0.120
0.126
0.133
0.140
0.146
0.153
0.161
0.168
0.175
0.182
0.190
0.197
0.205
0.212
62.1
52.7
51.9
53.5
56.0
58.0
59.7
61.3
62.1
63.1
64.2
64.6
65.0
65.5
65.7
65.9
65.9
66.1
66.1
65.9
65.7
65.4
65.1
64.6
64.2
63.9
63.1
62.5
61.7
61.0
0.711
0.465
0.336
0.262
0.216
0.183
0.161
0.144
0.133
0.125
0.121
0.119
0.119
0.119
0.122
0.123
0.126
0.128
0.131
0.133
0.137
0.140
0.144
0.148
0.153
0.159
0.165
0.172
0.180
0.186
−39.3
−55.9
−62.6
−66.4
−69.1
−72.2
−75.4
−79.7
−84.3
−89.5
−94.4
−99.4
−103.9
−108.1
−111.6
−115.2
−118.2
−121.5
−124.2
−127.4
−130.2
−133.3
−136.0
−139.1
−142.0
−144.5
−147.4
−149.7
−152.2
−154.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com