Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5435 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 2SC5435
Description  NPN SILICON SiGe RF TWIN TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SC5435 Datasheet(HTML) 3 Page - Renesas Technology Corp

  2SC5435 Datasheet HTML 1Page - Renesas Technology Corp 2SC5435 Datasheet HTML 2Page - Renesas Technology Corp 2SC5435 Datasheet HTML 3Page - Renesas Technology Corp 2SC5435 Datasheet HTML 4Page - Renesas Technology Corp 2SC5435 Datasheet HTML 5Page - Renesas Technology Corp 2SC5435 Datasheet HTML 6Page - Renesas Technology Corp 2SC5435 Datasheet HTML 7Page - Renesas Technology Corp 2SC5435 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DATA SHEET
Caution Observe precautions when handling because these devices are sensitive to electrostatic discharge.
The information in this document is subject to change without notice. Before using this document, please confirm that
this is the latest version.
Not all devices/types available in every country. Please check with local NEC Compound Semiconductor Devices
representative for availability and additional information.
NPN SILICON + SiGe RF TRANSISTOR (WITH 2 DIFFERENT ELEMENTS)
IN A 6-PIN SUPER LEAD-LESS MINIMOLD (1007 PKG)
Document No. PU10423EJ02V0DS (2nd edition)
Date Published September 2005 CP(K)
Printed in Japan
NPN SILICON + SiGe RF TWIN TRANSISTOR
µPA867TS
 NEC Compound Semiconductor Devices, Ltd. 2003, 2005
The mark
shows major revised points.
FEATURES
• 2 different built-in transistors (2SC5435, NESG2107M33)
Q1: High gain transistor
fT = 12.0 GHz TYP.,
S21e2 = 11 dB TYP. @ VCE = 3 V, IC = 10 mA, f = 2 GHz
Q2: Built-in low phase noise SiGe transistor suited for OSC applications
fT = 10.0 GHz TYP.,
S21e2 = 9.0 dB TYP. @ VCE = 1 V, IC = 5 mA, f = 2 GHz
• 6-pin super lead-less minimold package (1007 PKG)
BUILT-IN TRANSISTORS
Q1
Q2
Flat-lead 3-pin thin-type ultra super minimold part No.
2SC5435
−
3-pin super lead-less minimold part No.
−
NESG2107M33
ORDERING INFORMATION
Part Number
Order Number
Package
Quantity
Supplying Form
µPA867TS
µPA867TS-A
50 pcs
(Non reel)
µPA867TS-T3
µPA867TS-T3-A
6-pin super lead-less
minimold package
(1007 PKG) (Pb-Free)
Note
10 kpcs/reel
• 8 mm wide embossed taping
• Pin 1 (Q1 Collector), Pin 6 (Q1 Base) face the
perforation side of the tape
Note With regards to terminal solder (the solder contains lead) plated products (conventionally plated), contact
your nearby sales office.
Remark To order evaluation samples, contact your nearby sales office.
The unit sample quantity is 50 pcs.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com