Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

REF195 Datasheet(PDF) 27 Page - Analog Devices

Part # REF195
Description  Precision Micropower, Low Dropout Voltage References
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

REF195 Datasheet(HTML) 27 Page - Analog Devices

Back Button REF195 Datasheet HTML 20Page - Analog Devices REF195 Datasheet HTML 21Page - Analog Devices REF195 Datasheet HTML 22Page - Analog Devices REF195 Datasheet HTML 23Page - Analog Devices REF195 Datasheet HTML 24Page - Analog Devices REF195 Datasheet HTML 25Page - Analog Devices REF195 Datasheet HTML 26Page - Analog Devices REF195 Datasheet HTML 27Page - Analog Devices REF195 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
REF19x Series
Rev. I | Page 27 of 28
Model
Temperature Range
Package Description
Package Option
Minimum Quantities/Reel
REF194GSZ-REEL71
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
1000
REF195ES
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
REF195ES-REEL
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
2500
REF195ESZ1
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
REF195ESZ-REEL1
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
2500
REF195FS
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
REF195FS-REEL
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
2500
REF195FSZ1
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
REF195FSZ-REEL1
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
2500
REF195GP
−40°C to +85°C
8-Lead PDIP
P-Suffix (N-8)
REF195GPZ1
−40°C to +85°C
8-Lead PDIP
P-Suffix (N-8)
REF195GRU
−40°C to +85°C
8-Lead TSSOP
RU-8
REF195GRU-REEL7
−40°C to +85°C
8-Lead TSSOP
RU-8
1000
REF195GRUZ1
−40°C to +85°C
8-Lead TSSOP
RU-8
REF195GRUZ-REEL71
−40°C to +85°C
8-Lead TSSOP
RU-8
1000
REF195GS
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
REF195GS-REEL
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
2500
REF195GS-REEL7
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
1000
REF195GSZ1
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
REF195GSZ-REEL1
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
2500
REF195GSZ-REEL71
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
1000
REF196GRU-REEL7
−40°C to +85°C
8-Lead TSSOP
RU-8
1000
REF196GRUZ-REEL71
−40°C to +85°C
8-Lead TSSOP
RU-8
1000
REF196GS
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
REF196GS-REEL
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
2500
REF196GSZ1
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
REF196GSZ-REEL1
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
2500
REF196GSZ-REEL71
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
1000
REF198ES
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
REF198ES-REEL
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
2500
REF198ESZ1
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
REF198ESZ-REEL1
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
2500
REF198ESZ-REEL71
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
1000
REF198FS
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
REF198FS-REEL
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
2500
REF198FSZ1
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
REF198FSZ-REEL1
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
2500
REF198GP
−40°C to +85°C
8-Lead PDIP
P-Suffix (N-8)
REF198GPZ1
−40°C to +85°C
8-Lead PDIP
P-Suffix (N-8)
REF198GRU
−40°C to +85°C
8-Lead TSSOP
RU-8
REF198GRU-REEL7
−40°C to +85°C
8-Lead TSSOP
RU-8
1000
REF198GRUZ1
−40°C to +85°C
8-Lead TSSOP
RU-8
REF198GRUZ-REEL71
−40°C to +85°C
8-Lead TSSOP
RU-8
2500
REF198GS
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
REF198GS-REEL
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
2500
REF198GSZ1
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
REF198GSZ-REEL1
−40°C to +85°C
8-Lead SOIC_N
S-Suffix (R-8)
2500
1 Z = Pb-free part.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com