Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IS1 Datasheet(PDF) 2 Page - ISOCOM COMPONENTS

Part # IS1
Description  HIGH DENSITY PHOTOTRANSISTOR OPTICALLY COUPLED ISOLATORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISOCOM [ISOCOM COMPONENTS]
Direct Link  http://www.isocom.com
Logo ISOCOM - ISOCOM COMPONENTS

IS1 Datasheet(HTML) 2 Page - ISOCOM COMPONENTS

  IS1 Datasheet HTML 1Page - ISOCOM COMPONENTS IS1 Datasheet HTML 2Page - ISOCOM COMPONENTS IS1 Datasheet HTML 3Page - ISOCOM COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
DB92163m-AAS/A5
PARAMETER
MIN TYP MAX UNITS
TEST CONDITION
Input
Forward Voltage (V
F)
1.2
1.65
V
I
F = 50mA
Reverse Current (I
R)
10
µA
V
R = 4V
Output
Collector-emitter Breakdown (BV
CEO)
IS5, ISD5, ISQ5
70
V
I
C = 1mA
IS1, ISD1, ISQ1, IS74, ISD74, ISQ74
50
V
( Note 2)
Emitter-collector Breakdown (BV
ECO)
6
V
I
E = 100µA
Collector-emitter Dark Current (I
CEO)
50
nA
V
CE = 10V
Coupled
Current Transfer Ratio (CTR) (Note 2)
IS1, ISD1, ISQ1
20
300
%
10mA I
F , 10V VCE
IS5, ISD5, ISQ5
50
400
%
10mA I
F , 10V VCE
IS74, ISD74, ISQ74
12.5
%
16mA I
F , 5V VCE
Saturated Current Transfer Ratio
IS1, ISD1, ISQ1
75
%
10mA I
F , 0.4V VCE
IS5, ISD5, ISQ5
100
%
10mA I
F , 0.4V VCE
IS74, ISD74, ISQ74
12.5
%
16mA I
F , 0.5V VCE
Input to Output Isolation Voltage V
ISO
5300
V
RMS
See note 1
Input to Output Isolation Voltage V
ISO
7500
V
PK
See note 1
Input-output Isolation Resistance R
ISO
5x1010
Ω
V
IO = 500V (note 1)
Output Rise Time
tr
2.6
µs
I
F = 5mA
Output Fall Time
tf
2.2
µs
V
CC = 5V, RL = 75Ω
Note 1
Measured with input leads shorted together and output leads shorted together.
Note 2
Special Selections are available on request. Please consult the factory.
28/5/03
ABSOLUTE MAXIMUM RATINGS
(25°C unless otherwise specified)
Storage Temperature
-40°C to + 125°C
Operating Temperature
-25°C to + 100°C
Lead Soldering Temperature
(1/16 inch (1.6mm) from case for 10 secs) 260°C
INPUT DIODE
Forward Current
50mA
Reverse Voltage
6V
Power Dissipation
70mW
OUTPUT TRANSISTOR
Collector-emitter Voltage BV
CEO
IS5, ISD5, ISQ5
70V
IS1,ISD1,ISQ1,IS74,ISD74,ISQ74
50V
Emitter-collector Voltage BV
ECO
6V
Power Dissipation
150mW
POWER DISSIPATION
Total Power Dissipation
170mW
(derate linearly 2.67mW/°C above 25°C)
ELECTRICAL CHARACTERISTICS ( T
A = 25°C Unless otherwise noted )



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com