Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC2G04GS Datasheet(PDF) 13 Page - Nexperia B.V. All rights reserved

Part # 74LVC2G04GS
Description  Dual inverter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC2G04GS Datasheet(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button 74LVC2G04GS Datasheet HTML 8Page - Nexperia B.V. All rights reserved 74LVC2G04GS Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC2G04GS Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC2G04GS Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC2G04GS Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC2G04GS Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74LVC2G04GS Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74LVC2G04GS Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74LVC2G04GS Datasheet HTML 16Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
Nexperia
74LVC2G04
Dual inverter
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT1255-2
- - -
sot1255-2_po
19-11-07
19-11-08
Unit
mm
max
nom
min
0.35
0.10
(Typ.)
0.30
0.05
0.05
0.05
A
Dimensions (mm are the original dimensions)
X2SON6: plastic thermal enhanced extremely thin small outline package; no leads;
6 terminals; body 1.0 x 0.8 x 0.32 mm
SOT1255-2
A3
D
Dh
E
e1
e2
L
0.20
y
u
v
0.10
w
0.05
y1
0.32
0.25
0.60 0.40
0.15
0.30
0.04
A1
0.02
0.00
0.20
b
0.31
0.26
0.21
0.25
0
1 mm
scale
A
D
B
E
pin 1
ID area
Seating Plane
pin 1
ID area
X
L
(4x)
e1
1
6
Dh
(6x)
3
4
5
2
e2
C
C
y1
detail X
A
A1
A3
b
(4x)
y C
u
2x
C
u
2x
C
A
C
B
v
C
w
0.80
1.00
Fig. 15. Package outline SOT1255-2 (X2SON6)
74LVC2G04
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
Rev. 12 — 26 January 2022
13 / 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com