Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CZMA4.7 Datasheet(PDF) 2 Page - Continental Device India Limited

Part # CZMA4.7
Description  SILIICON PLANAR ZENER DIODES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CZMA4.7 Datasheet(HTML) 2 Page - Continental Device India Limited

  CZMA4.7 Datasheet HTML 1Page - Continental Device India Limited CZMA4.7 Datasheet HTML 2Page - Continental Device India Limited CZMA4.7 Datasheet HTML 3Page - Continental Device India Limited CZMA4.7 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SILIICON PLANAR ZENER DIODES
CZMA3V9-47V
SOT-23
Formed SMD Package
ELECTRICAL CHARACTERISTICS per diode (Ta=25°C VF < 0.9V max, IF=10mA)
Device
Temperature
Marking
Coefficient
IR
at
VR
SZ (mV/K)
at IZ test=5mA
min
max
typ
max
µµA
V
min
typ
max
typ
max
CZMA 11
10.40
11.60
10
20
0.1
8.0
5.4
7.4
9.0
50
150
D11
CZMA 12
11.40
12.70
10
25
0.1
8.0
6.0
8.4
10
50
150
D12
CZMA 13
12.40
14.10
10
30
0.1
8.0
7.0
9.4
11
50
170
D13
CZMA 15
13.80
15.60
10
30
0.05
10.5
9.2
11.4
13
50
200
D15
CZMA 16
15.30
17.10
10
40
0.05
11.2
10.4
12.4
14
50
200
D16
CZMA 18
16.80
19.10
10
45
0.05
12.6
12.4
14.4
16
50
225
D18
CZMA 20
18.80
21.20
15
55
0.05
14.0
14.4
16.4
18
60
225
D20
CZMA 22
20.80
23.30
20
55
0.05
15.4
16.4
18.4
20
60
250
D22
CZMA 24
22.80
25.60
25
70
0.05
16.8
18.4
20.4
22
60
250
D24
at IZ test=2mA
at IZ test=2mA
at IZ test=2mA
at Iz test=0.5mA
CZMA 27
25.10
28.90
25
80
0.05
18.9
21.4
23.4 25.3
65
300
D27
CZMA 30
28.00
32.00
30
80
0.05
21.0
24.4
26.6 29.4
70
300
D30
CZMA 33
31.00
35.00
35
80
0.05
23.1
27.4
29.7 33.4
75
325
D33
CZMA 36
34.00
38.00
35
90
0.05
25.2
30.4
33.0 37.4
80
350
D36
CZMA 39
37.00
41.00
40
130
0.05
27.3
33.4
36.4 41.2
80
350
D39
CZMA 43
40.00
46.00
45
150
0.05
30.1
37.6
41.2 46.6
85
375
D43
CZMA 47
44.00
50.00
50
170
0.05
32.9
42.0
46.1 51.8
85
375
D47
CZMA3.9_47VRev_1 071005E
***Pulse test 20ms < tp <50ms
Differential
Reverse
Differential
For Lead Free Parts, Device Part #
will be Prefixed with "T"
Resistance
at IZ test=5mA
Working Voltage
Resistance
at IZ test=5mA
at IZ test=1mA
rdiff (Ω
Ω)
rdiff (Ω
Ω)
Current
***VZ (V)
1
2
3
Pin Configuration
1 =
2 =
3 =
CATHODE
CATHODE
ANODE
3
1
2
Continental Device India Limited
Data Sheet
Page 2 of 4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com