Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

970-TX../03 Datasheet(PDF) 1 Page - WECO ELECTRICAL CONNECTORS INC.

Part # 970-TX../03
Description  PCB connector Screw connection, 2 to 4 screw connections at only one pole, interlocking
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WECO [WECO ELECTRICAL CONNECTORS INC.]
Direct Link  https://wecoconnectors.com/en/
Logo WECO - WECO ELECTRICAL CONNECTORS INC.

970-TX../03 Datasheet(HTML) 1 Page - WECO ELECTRICAL CONNECTORS INC.

  970-TX../03 Datasheet HTML 1Page - WECO ELECTRICAL CONNECTORS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TECHNICAL DATA SHEET
970-TX..(-DS)
PCB connector
Screw connection, 2 to 4 screw connections at only one pole, interlocking
07.19
970-TX2-DS/01
..-TX4-..
..-TX3-..
MATERIAL
Moulding
PA, grey, V-0
Comparative Tracking Index
CTI ≥ 600
Insulating Group
I
Temperature Range
-40°C up to 100°C
Terminal body
Tin plated brass
Screw
M3; zinc plated steel, blue passivated
Solder pin
ø 1 mm; tin plated copper
Wire protector
Tin plated tin bronze
OPTIONS / ACCESSORIES
• Consecutive numbering
• Special marking according to drawing
• Self-adhesive marking strip BST-5,00
• Longer solder pins up to 95 mm
• Solder pins with different lengths
• Version with extended wire entrance
• Other position of solder pins
[1] Min No. 26 AWG for factory-wiring only
[2] Acc. to IEC 60947-7-4 und IEC 60947-1
CONFIGURATIONS
Poles Part number
Article number
Part number
Article number
Length (L)
Packaging
PU
2 970-TX../02
10.872.619
970-TX..-DS/02
20.872.619
10,00 mm
Box
250
3 970-TX../03
10.872.620
970-TX..-DS/03
20.872.620
15,00 mm
Box
250
4 970-TX../04
10.872.621
970-TX..-DS/04
20.872.621
20,00 mm
Box
200
GENERAL INFORMATION
Pitch
5 mm
No. of poles
1
TECHNICAL DATA
Clamping Range
solid / stranded / AWG
without wire protector
1 - 6 mm² / 1 - 2,5 mm² / 16 - 12 AWG
with wire protector
0,75 - 4 mm² / 0,75 - 2,5 mm² / 18 - 12 AWG
Rated Cross Section
2,5 mm²
Wire Stripping Length
6,5 mm ± 0,5 mm
Overvoltage Category
III
III
II
Pollution Severity Level
3
2
2
Rated Voltage
250 V
320 V
630 V
Rated Impulse Voltage
4 kV
4 kV
4 kV
Rated Current
24 A
Hole in PCB
ø 1,3 mm
Torque
0,5 Nm
APPROVALS
Current [A]
Voltage [V]
Group
AWG
[Nm]
20
10
300
300
B
D
22-12 [1]
22-12 [1]
0,51
0,51
20
10
300
300
B
D, E
26 - 12
26 - 12
0,51
0,51
Current [A]
Voltage [V]
mm²
24
250
2,5 [2]
WECO Electrical Connectors Inc., 18050 Trans-Canada Highway,
Kirkland, Québec, Canada, H9J 4A1
Phone: 800.724.2928 | Phone: 514.694.9136 | Fax: 514.694.0956
weco@wecoconnectors.com
© Copyright by WECO
All rights reserved.WECO® is a brand of the WECO Group.
Information provided in this document may be changed without prior notice.
Please refer to our website for the full disclaimer.


Similar Part No. - 970-TX../03

ManufacturerPart #DatasheetDescription
logo
WECO ELECTRICAL CONNECT...
970-T WECO-970-T Datasheet
90Kb / 1P
PCB connector Screw connection, interlocking
11.17
970-T-DS/02 WECO-970-T-DS/02 Datasheet
90Kb / 1P
PCB connector Screw connection, interlocking
11.17
970-T-DS/03 WECO-970-T-DS/03 Datasheet
90Kb / 1P
PCB connector Screw connection, interlocking
11.17
970-T/02 WECO-970-T/02 Datasheet
90Kb / 1P
PCB connector Screw connection, interlocking
11.17
970-T/03 WECO-970-T/03 Datasheet
90Kb / 1P
PCB connector Screw connection, interlocking
11.17
More results

Similar Description - 970-TX../03

ManufacturerPart #DatasheetDescription
logo
WECO ELECTRICAL CONNECT...
140-A-111 WECO-140-A-111 Datasheet
82Kb / 1P
PCB connector Screw connection, interlocking
06.17
146-A-111 WECO-146-A-111 Datasheet
69Kb / 1P
PCB connector Screw connection, interlocking
07.11
930-T WECO-930-T Datasheet
75Kb / 1P
PCB connector Screw connection, interlocking
02.13
940-T WECO-940-T Datasheet
103Kb / 1P
PCB connector Screw connection, interlocking
11.17
960-T WECO-960-T Datasheet
64Kb / 1P
PCB connector Screw connection, interlocking
11.17
970-T WECO-970-T Datasheet
90Kb / 1P
PCB connector Screw connection, interlocking
11.17
970-X WECO-970-X Datasheet
101Kb / 1P
PCB connector Screw connection, 2 to 12 screw connections at only one pole
11.17
971-TX WECO-971-TX Datasheet
75Kb / 1P
PCB connector Screw connection, wire entrance vertical to PCB, 2 to 4 screw connections at only one pole, interlocking
07.19
971-X WECO-971-X Datasheet
117Kb / 1P
PCB connector Screw connection, wire entrance vertical to PCB, 2 to 12 screw connections at only one pole
11.17
145-A-111 WECO-145-A-111 Datasheet
69Kb / 1P
PCB connector Screw connection, interlocking
05.11
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com