Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

975/04 Datasheet(PDF) 1 Page - WECO ELECTRICAL CONNECTORS INC.

Part # 975/04
Description  PCB connector Screw connection 45°-angle to PCB
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WECO [WECO ELECTRICAL CONNECTORS INC.]
Direct Link  https://wecoconnectors.com/en/
Logo WECO - WECO ELECTRICAL CONNECTORS INC.

975/04 Datasheet(HTML) 1 Page - WECO ELECTRICAL CONNECTORS INC.

  975/04 Datasheet HTML 1Page - WECO ELECTRICAL CONNECTORS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TECHNICAL DATA SHEET
975(-DS)
PCB connector
Screw connection 45°-angle to PCB
11.17
MATERIAL
Moulding
PA, grey, V-0
Comparative Tracking Index
CTI ≥ 600
Insulating Group
I
Temperature Range
-40°C up to 100°C
Terminal body
Tin plated brass
Screw
M3; zinc plated steel, clear passivated
Solder pin
ø 1 mm; tin plated copper
Wire protector
Tin plated tin bronze
OPTIONS / ACCESSORIES
• Consecutive numbering
• Special marking according to drawing
• Self-adhesive marking strip BST-10,00
• Longer solder pins up to 95 mm
• Special wire protector for very thin conductors
• Version with additional raised base of 1,6 mm
[1] Min No. 26 AWG for factory-wiring only
CONFIGURATIONS
Poles Part number
Article number
Part number
Article number
Length (L)
Packaging
PU
2 975/02
12.874.003
975-DS/02
22.874.003
15,00 mm
Box
250
3 975/03
12.874.005
975-DS/03
22.874.005
25,00 mm
Box
100
4 975/04
12.874.007
975-DS/04
22.874.007
35,00 mm
Box
100
5 975/05
12.874.009
975-DS/05
22.874.009
45,00 mm
Box
100
6 975/06
12.874.011
975-DS/06
22.874.011
55,00 mm
Box
100
GENERAL INFORMATION
Pitch
10 mm
No. of poles
2 - 13
TECHNICAL DATA
Clamping Range
solid / stranded / AWG
without wire protector
1 - 6 mm² / 1 - 2,5 mm² / 16 - 12 AWG
with wire protector
0,75 - 4 mm² / 0,75 - 2,5 mm² / 18 - 12 AWG
Rated Cross Section
2,5 mm²
Wire Stripping Length
6,5 mm ± 0,5 mm
Overvoltage Category
III
III
II
Pollution Severity Level
3
2
2
Rated Voltage
630 V
630 V
1000 V
Rated Impulse Voltage
6 kV
6 kV
6 kV
Rated Insulation Voltage
750 V acc. to EN 60998-1
Rated Current
24 A
Hole in PCB
ø 1,3 mm
Torque
0,5 Nm
APPROVALS
Current [A]
Voltage [V]
Group
AWG
[Nm]
20
10
300
300
B
D
22-12 [1]
22-12 [1]
0,51
0,51
20
10
300
300
B
D, E
26 - 12
26 - 12
0,51
0,51
WECO Electrical Connectors Inc., 18050 Trans-Canada Highway,
Kirkland, Québec, Canada, H9J 4A1
Phone: 800.724.2928 | Phone: 514.694.9136 | Fax: 514.694.0956
weco@wecoconnectors.com
© Copyright by WECO
All rights reserved.WECO® is a brand of the WECO Group.
Information provided in this document may be changed without prior notice.
Please refer to our website for the full disclaimer.


Similar Part No. - 975/04

ManufacturerPart #DatasheetDescription
logo
Fluke Corporation
975 FLUKE-975 Datasheet
564Kb / 2P
Fluke 975 AirMeter??Five powerful tools in one, with simple one-touch air velocity
logo
Koelner Rawlplug IP
975 RAWLPLUG-975 Datasheet
3Mb / 2P
Threaded rods DIN 975
logo
WERMA Signaltechnik Gmb...
975 840 01 WERMA-975 840 01 Datasheet
780Kb / 6P
The complete Signal Tower Solution
975 840 01 WERMA-975 840 01 Datasheet
2Mb / 28P
KombiSIGN 50, 70 and 71 Signals for combining
975 840 01 WERMA-975 840 01 Datasheet
507Kb / 7P
Protection rating IP65
More results

Similar Description - 975/04

ManufacturerPart #DatasheetDescription
logo
WECO ELECTRICAL CONNECT...
140-C-111 WECO-140-C-111 Datasheet
92Kb / 1P
PCB connector Screw connection diagonal 45° to PCB, interlocking
03.13
141-C-111 WECO-141-C-111 Datasheet
93Kb / 1P
PCB connector Screw connection diagonal 45° to PCB, interlocking
03.13
934-THR-DS WECO-934-THR-DS Datasheet
87Kb / 1P
PCB connector for THR Screw connection 45°-angle to PCB
11.17
934 WECO-934 Datasheet
60Kb / 1P
PCB connector Screw connection 45°-angle to PCB
02.13
974-BP WECO-974-BP Datasheet
69Kb / 1P
PCB connector Screw connection 45°-angle to PCB, with base plate
11.17
974-D-SMD-DS WECO-974-D-SMD-DS Datasheet
95Kb / 1P
PCB connector for SMD Screw connection 45°-angle to PCB
11.17
974-T WECO-974-T Datasheet
118Kb / 1P
PCB connector Screw connection 45°-angle to PCB, interlocking
11.17
974 WECO-974 Datasheet
93Kb / 1P
PCB connector Screw connection 45°-angle to PCB
07.19
976-T WECO-976-T Datasheet
75Kb / 1P
PCB connector Screw connection 45°-angle to PCB, interlocking
07.19
976 WECO-976 Datasheet
87Kb / 1P
PCB connector Screw connection 45°-angle to PCB
07.19
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com