Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

983-S/02 Datasheet(PDF) 1 Page - WECO ELECTRICAL CONNECTORS INC.

Part # 983-S/02
Description  PCB connector Screw connection, 1 solder pin per pole
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WECO [WECO ELECTRICAL CONNECTORS INC.]
Direct Link  https://wecoconnectors.com/en/
Logo WECO - WECO ELECTRICAL CONNECTORS INC.

983-S/02 Datasheet(HTML) 1 Page - WECO ELECTRICAL CONNECTORS INC.

  983-S/02 Datasheet HTML 1Page - WECO ELECTRICAL CONNECTORS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A3.24
TECHNICAL DATA SHEET
983-S/-ZS
PCB connector
Screw connection, 1 solder pin per pole
10.20
1) Backwall (Version
-ZS)
MATERIAL
Moulding
PA, grey, V-0
Comparative Tracking Index
CTI ≥ 600
Insulating Group
I
Temperature Range
-40°C up to 100°C
Pressure clamp
Tin plated brass
Screw
M4; zinc plated steel, blue passivated
Solder pin
0,8 x 1,0 mm; tin plated brass
OPTIONS / ACCESSORIES
• Consecutive numbering
• Special marking according to drawing
• Self-adhesive marking strip BST-10,00
• Crosshead screws
• 10 mm pin length
CONFIGURATIONS
Poles Item
Article number
Item
Article number
Length (L)
Packaging
PU
2 983-S/02
10.873.802
983-ZS/02
10.873.872
20,00 mm
Box
100
3 983-S/03
10.873.803
983-ZS/03
10.873.873
30,00 mm
Box
100
4 983-S/04
10.873.804
983-ZS/04
10.873.874
40,00 mm
Box
100
5 983-S/05
10.873.805
983-ZS/05
10.873.875
50,00 mm
Box
100
6 983-S/06
10.873.806
983-ZS/06
10.873.876
60,00 mm
Box
100
7 983-S/07
10.873.807
983-ZS/07
10.873.877
70,00 mm
Box
50
8 983-S/08
10.873.808
983-ZS/08
10.873.878
80,00 mm
Box
50
9 983-S/09
10.873.809
983-ZS/09
10.873.879
90,00 mm
Box
50
10 983-S/10
10.873.810
983-ZS/10
10.873.880
100,00 mm
Box
50
11 983-S/11
10.873.811
983-ZS/11
10.873.881
110,00 mm
Box
50
12 983-S/12
10.873.812
983-ZS/12
10.873.882
120,00 mm
Box
50
further number of poles on request
GENERAL INFORMATION
Pitch
10 mm
No. of poles
2 - 26
TECHNICAL DATA
Clamping Range
solid / stranded / AWG
0,5 - 2,5 mm² / 0,5 - 2,5 mm² / 20 - 12 AWG
Rated Cross Section
2,5 mm²
Wire Stripping Length
8,5 mm ± 0,5 mm
Overvoltage Category
III
III
II
Pollution Severity Level
3
2
2
Rated Voltage
500 V
630 V
1000 V
Rated Impulse Voltage
6 kV
6 kV
6 kV
Rated Insulation Voltage
750 V acc. to EN 60998-1
Rated Current
24 A
Hole in PCB
ø 1,6 mm
Torque
1,2 Nm
Other specifications
Per pole two wires of identical cross-section can be
connected.
APPROVALS
Current [A]
Voltage [V]
Group
AWG
[Nm]
20
300
B
20 - 12
1,13
20
10
300
300
B
D, E
20 - 12
20 - 12
1,13
1,13


Similar Part No. - 983-S/02

ManufacturerPart #DatasheetDescription
logo
WECO ELECTRICAL CONNECT...
983-SMF-2.8 WECO-983-SMF-2.8 Datasheet
124Kb / 1P
PCB connector Screw connection, with solder pin and tab
03.19
983-SMF-2.8/01 WECO-983-SMF-2.8/01 Datasheet
124Kb / 1P
PCB connector Screw connection, with solder pin and tab
03.19
983-SMF-2.8/02 WECO-983-SMF-2.8/02 Datasheet
124Kb / 1P
PCB connector Screw connection, with solder pin and tab
03.19
983-SMF-2.8/03 WECO-983-SMF-2.8/03 Datasheet
124Kb / 1P
PCB connector Screw connection, with solder pin and tab
03.19
983-SMF-2.8/04 WECO-983-SMF-2.8/04 Datasheet
124Kb / 1P
PCB connector Screw connection, with solder pin and tab
03.19
More results

Similar Description - 983-S/02

ManufacturerPart #DatasheetDescription
logo
WECO ELECTRICAL CONNECT...
910-Y WECO-910-Y Datasheet
85Kb / 1P
PCB connector Screw connection, 2 solder pins per pole
11.17
978-Y WECO-978-Y Datasheet
78Kb / 1P
PCB connector Screw connection, 2 solder pins per pole, large conductor space
11.17
980-D WECO-980-D Datasheet
86Kb / 1P
PCB connector Screw connection, 2 solder pins per pole
04.19
980-S WECO-980-S Datasheet
55Kb / 1P
PCB connector Screw connection, 1 solder pin per pole
04.19
982-D WECO-982-D Datasheet
184Kb / 1P
Screw connection, 2 solder pins per pole
11.11
982-S WECO-982-S Datasheet
162Kb / 1P
Screw connection, 1 solder pin per pole
11.11
983-D WECO-983-D Datasheet
104Kb / 1P
PCB connector Screw connection, 2 solder pins per pole
10.20
983-FS WECO-983-FS Datasheet
93Kb / 1P
Tab connector Tab/screw connection, 1 solder pin per pole
03.19
983-UD WECO-983-UD Datasheet
61Kb / 1P
PCB connector Screw connection, 2 solder pins per pole, with surrounding rib
05.12
983-US WECO-983-US Datasheet
61Kb / 1P
PCB connector Screw connection, 1 solder pin per pole, with surrounding rib
05.12
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com