Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSP110 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BSP110
Description  N-channel enhancement mode vertical D-MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSP110 Datasheet(HTML) 3 Page - NXP Semiconductors

  BSP110 Datasheet HTML 1Page - NXP Semiconductors BSP110 Datasheet HTML 2Page - NXP Semiconductors BSP110 Datasheet HTML 3Page - NXP Semiconductors BSP110 Datasheet HTML 4Page - NXP Semiconductors BSP110 Datasheet HTML 5Page - NXP Semiconductors BSP110 Datasheet HTML 6Page - NXP Semiconductors BSP110 Datasheet HTML 7Page - NXP Semiconductors BSP110 Datasheet HTML 8Page - NXP Semiconductors BSP110 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
April 1995
3
Philips Semiconductors
Product specification
N-channel enhancement mode vertical
D-MOS transistor
BSP110
RATINGS
Limiting values in accordance with the Absolute Maximum System (IEC 134)
THERMAL RESISTANCE
Note
1. Device mounted on an epoxy printed-circuit board 40 mm
× 40 mm × 1.5 mm; mounting pad for the drain lead min.
6 cm2.
CHARACTERISTICS
Tj =25 °C unless otherwise specified
Drain-source voltage
VDS
max.
80 V
Drain-source voltage
(non-repetitive peak; tp ≤ 2 ms)
VDS(SM)
max.
100 V
Gate-source voltage (open drain)
± V
GSO
max.
20 V
Drain current (DC)
ID
max.
325 mA
Drain current (peak)
IDM
max.
650 mA
Total power dissipation up to Tamb =25 °C (note 1)
Ptot
max.
1.5 W
Storage temperature range
Tstg
−65 to + 150 °C
Junction temperature
Tj
max.
150
°C
From junction to ambient (note 1)
Rth j-a
=
83.3 K/W
Drain-source breakdown voltage
ID =10 µA; VGS =0
V(BR) DSS
min.
80 V
Drain-source leakage current
VDS = 60 V; VGS =0
IDSS
max.
1.0
µA
Gate-source leakage current
VGS = 20 V; VDS =0
IGSS
max.
100 nA
Gate threshold voltage
min.
max.
0.8
2.8
V
V
ID = 1 mA; VDS =VGS
IGS(th)
Drain-source ON-resistance (see Fig.4)
typ.
max.
7
10
Ω
Ω
ID = 150 mA; VGS =5V
RDS(on)
ID = 200 mA; VGS =10V
RDS(on)
typ.
max.
4.5
7
Ω
Ω
Transfer admittance
min.
typ.
75
150
mS
mS
ID = 200 mA; VDS =5V
| Yfs|
Input capacitance at f = 1 MHz;
typ.
max.
15
30
pF
pF
VDS = 10 V; VGS =0
Ciss



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com