Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CPE-200 Datasheet(PDF) 1 Page - CUI Devices

Part # CPE-200
Description  PIEZO BUZZER INDICATOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUID [CUI Devices]
Direct Link  https://www.cuidevices.com/
Logo CUID - CUI Devices

CPE-200 Datasheet(HTML) 1 Page - CUI Devices

  CPE-200 Datasheet HTML 1Page - CUI Devices CPE-200 Datasheet HTML 2Page - CUI Devices CPE-200 Datasheet HTML 3Page - CUI Devices CPE-200 Datasheet HTML 4Page - CUI Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
date 08/05/2022
page 1 of 4
MODEL: CPE-200 | DESCRIPTION: PIEZO BUZZER INDICATOR
cuidevices.com
FEATURES
• wire leads with panel-mount tabs
• 12 Vdc rating
• 3.1 kHz rated frequency
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
rated voltage
12
Vdc
operating voltage
3
20
Vdc
current consumption
at rated voltage
14
mA
rated frequency
2,600
3,100
3,600
Hz
sound pressure level
at 30 cm, rated voltage
73
dB
dimensions
Ø23.8 x 14.5
mm
weight
4.5
g
material
ABS UL94 1/16” HB High Heat (black)
terminal
wire leads
operating temperature
-30
85
°C
storage temperature
-40
95
°C
RoHS
yes
Notes:
1. All specifications measured at 5~35°C, humidity at 45~85%, under 86~106kPa pressure, unless otherwise noted.
Additional Resources: Product Page | 3D Model


Similar Part No. - CPE-200

ManufacturerPart #DatasheetDescription
logo
CUI INC
CPE-200 CUI-CPE-200 Datasheet
207Kb / 5P
piezo audio indicators
CPE-200 CUI-CPE-200 Datasheet
648Kb / 4P
PIEZO BUZZER INDICATOR
11/13/2019
CPE-200 CUI-CPE-200_V01 Datasheet
648Kb / 4P
PIEZO BUZZER INDICATOR
11/13/2019
More results

Similar Description - CPE-200

ManufacturerPart #DatasheetDescription
logo
CUI INC
CPI-2825-85PM CUI-CPI-2825-85PM Datasheet
294Kb / 4P
PIEZO BUZZER INDICATOR
CPI-4116-90PM CUI-CPI-4116-90PM Datasheet
284Kb / 4P
PIEZO BUZZER INDICATOR
CPI-5029-105T CUI-CPI-5029-105T Datasheet
292Kb / 4P
PIEZO BUZZER INDICATOR
CEP-2250 CUI-CEP-2250_V01 Datasheet
456Kb / 3P
PIEZO BUZZER INDICATOR
11/04/2019
CPE-351 CUI-CPE-351_V01 Datasheet
333Kb / 3P
PIEZO BUZZER INDICATOR
11/04/2019
CPE-353 CUI-CPE-353_V01 Datasheet
345Kb / 3P
PIEZO BUZZER INDICATOR
11/04/2019
CPI-4116-81PM CUI-CPI-4116-81PM Datasheet
315Kb / 4P
PIEZO BUZZER INDICATOR
01/02/2020
CPE-244 CUI-CPE-244_V01 Datasheet
399Kb / 3P
PIEZO BUZZER INDICATOR
12/16/2019
CEP-2260A CUI-CEP-2260A_V01 Datasheet
378Kb / 3P
PIEZO BUZZER INDICATOR
11/13/2019
CPI-2316-85T CUI-CPI-2316-85T_V01 Datasheet
322Kb / 4P
PIEZO BUZZER INDICATOR
12/19/2019
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com