Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7328 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7328
Description  8-Channel, Software-Selectable True Bipolar Input, 12-Bit Plus Sign ADC
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7328 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7328 Datasheet HTML 9Page - Analog Devices AD7328 Datasheet HTML 10Page - Analog Devices AD7328 Datasheet HTML 11Page - Analog Devices AD7328 Datasheet HTML 12Page - Analog Devices AD7328 Datasheet HTML 13Page - Analog Devices AD7328 Datasheet HTML 14Page - Analog Devices AD7328 Datasheet HTML 15Page - Analog Devices AD7328 Datasheet HTML 16Page - Analog Devices AD7328 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
AD7328
Rev. A | Page 13 of 36
TERMINOLOGY
Differential Nonlinearity
This is the difference between the measured and the ideal 1 LSB
change between any two adjacent codes in the ADC.
Integral Nonlinearity
This is the maximum deviation from a straight line passing
through the endpoints of the ADC transfer function. The
endpoints of the transfer function are zero scale (a point 1 LSB
below the first code transition) and full scale (a point 1 LSB above
the last code transition).
Offset Code Error
This applies to straight binary output coding. It is the deviation
of the first code transition (00 ... 000) to (00 ... 001) from the
ideal, that is, AGND + 1 LSB.
Offset Error Match
This is the difference in offset error between any two input
channels.
Gain Error
This applies to straight binary output coding. It is the deviation
of the last code transition (111 ... 110) to (111 ... 111) from the
ideal (that is, 4 × VREF − 1 LSB, 2 × VREF − 1 LSB, VREF − 1 LSB)
after adjusting for the offset error.
Gain Error Match
This is the difference in gain error between any two input channels.
Bipolar Zero Code Error
This applies when using twos complement output coding and a
bipolar analog input. It is the deviation of the midscale transition
(all 1s to all 0s) from the ideal input voltage, that is, AGND − 1 LSB.
Bipolar Zero Code Error Match
This refers to the difference in bipolar zero code error between
any two input channels.
Positive Full-Scale Error
This applies when using twos complement output coding and
any of the bipolar analog input ranges. It is the deviation of the
last code transition (011 … 110) to (011 … 111) from the ideal
(4 × VREF − 1 LSB, 2 × VREF − 1 LSB, VREF − 1 LSB) after adjusting
for the bipolar zero code error.
Positive Full-Scale Error Match
This is the difference in positive full-scale error between any
two input channels.
Negative Full-Scale Error
This applies when using twos complement output coding and
any of the bipolar analog input ranges. This is the deviation of
the first code transition (10 … 000) to (10 … 001) from the ideal
(that is, −4 × VREF + 1 LSB, −2 × VREF + 1 LSB, −VREF + 1 LSB)
after adjusting for the bipolar zero code error.
Negative Full-Scale Error Match
This is the difference in negative full-scale error between any
two input channels.
Track-and-Hold Acquisition Time
The track-and-hold amplifier returns into track mode after the
14th SCLK rising edge. Track-and-hold acquisition time is the
time required for the output of the track-and-hold amplifier to
reach its final value, within ±½ LSB, after the end of a conversion.
For the ±2.5 V range, the specified acquisition time is the time
required for the track-and-hold amplifier to settle to within ±1 LSB.
Signal to (Noise + Distortion) Ratio
This is the measured ratio of signal to (noise + distortion) at
the output of the A/D converter. The signal is the rms amplitude
of the fundamental. Noise is the sum of all nonfundamental
signals up to half the sampling frequency (fS/2), excluding dc.
The ratio is dependent on the number of quantization levels in
the digitization process. The more levels, the smaller the quan-
tization noise. Theoretically, the signal to (noise + distortion) ratio
for an ideal N-bit converter with a sine wave input is given by
Signal to (Noise + Distortion) = (6.02 N + 1.76) dB
For a 13-bit converter, this is 80.02 dB.
Total Harmonic Distortion
Total harmonic distortion (THD) is the ratio of the rms sum of
harmonics to the fundamental. For the AD7328, it is defined as
1
2
6
2
5
2
4
2
3
2
2
log
20
)
dB
(
V
V
V
V
V
V
THD
+
+
+
+
=
where V1 is the rms amplitude of the fundamental, and V2, V3,
V4, V5, and V6 are the rms amplitudes of the second through the
sixth harmonics.
Peak Harmonic or Spurious Noise
Peak harmonic or spurious noise is defined as the ratio of the
rms value of the next largest component in the ADC output
spectrum (up to fS/2, excluding dc) to the rms value of the
fundamental. Normally, the value of this specification is
determined by the largest harmonic in the spectrum, but for
ADCs where the harmonics are buried in the noise floor, the
largest harmonic could be a noise peak.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com