Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSP122 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BSP122
Description  N-channel enhancement mode vertical D-MOS transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSP122 Datasheet(HTML) 2 Page - NXP Semiconductors

  BSP122 Datasheet HTML 1Page - NXP Semiconductors BSP122 Datasheet HTML 2Page - NXP Semiconductors BSP122 Datasheet HTML 3Page - NXP Semiconductors BSP122 Datasheet HTML 4Page - NXP Semiconductors BSP122 Datasheet HTML 5Page - NXP Semiconductors BSP122 Datasheet HTML 6Page - NXP Semiconductors BSP122 Datasheet HTML 7Page - NXP Semiconductors BSP122 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
April 1995
2
Philips Semiconductors
Product specification
N-channel enhancement mode vertical
D-MOS transistor
BSP122
FEATURES
• Direct interface to C-MOS, TTL,
etc.
• High-speed switching
• No secondary breakdown.
DESCRIPTION
N-channel enhancement mode
vertical D-MOS transistor in a
SOT223 envelope and intended for
use as a line current interruptor in
telephone sets and for applications in
relay, high-speed and line
transformer drivers.
PINNING - SOT223
PIN
DESCRIPTION
1
gate
2
drain
3
source
4
drain
QUICK REFERENCE DATA
SYMBOL
PARAMETER
MAX.
UNIT
VDS
drain-source voltage
200
V
ID
DC drain current
550
mA
RDS(on)
drain-source on-resistance
2.5
Ω
VGS(th)
gate-source threshold voltage
2
V
Fig.1 Simplified outline (SOT223) and symbol.
handbook, halfpage
MAM054
4
12
3
Top view
s
d
g
LIMITING VALUES
In accordance with the Absolute Maximum System (IEC 134).
THERMAL RESISTANCE
Note
1. Device mounted on an epoxy printed circuit board, 40 x 40 x 1.5 mm, mounting pad for the drain tab minimum 6 cm2.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VDS
drain-source voltage
−
200
V
±V
GSO
gate-source voltage
open drain
−
20
V
ID
DC drain current
−
550
mA
IDM
peak drain current
−
3A
Ptot
total power dissipation
up to Tamb = 25 °C (note 1)
−
1.5
W
Tstg
storage temperature range
−65
150
°C
Tj
junction temperature
−
150
°C
SYMBOL
PARAMETER
THERMAL RESISTANCE
Rth j-a
from junction to ambient (note 1)
83.3 K/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com