Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSP126 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BSP126
Description  N-channel enhancement mode vertical D-MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSP126 Datasheet(HTML) 4 Page - NXP Semiconductors

  BSP126 Datasheet HTML 1Page - NXP Semiconductors BSP126 Datasheet HTML 2Page - NXP Semiconductors BSP126 Datasheet HTML 3Page - NXP Semiconductors BSP126 Datasheet HTML 4Page - NXP Semiconductors BSP126 Datasheet HTML 5Page - NXP Semiconductors BSP126 Datasheet HTML 6Page - NXP Semiconductors BSP126 Datasheet HTML 7Page - NXP Semiconductors BSP126 Datasheet HTML 8Page - NXP Semiconductors BSP126 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
April 1995
4
Philips Semiconductors
Product specification
N-channel enhancement mode vertical
D-MOS transistor
BSP126
Feedback capacitance at f = 1 MHz;
typ.
max.
5
15
pF
pF
VDS = 25 V; VGS =0
Crss
Switching times (see Figs 2 and 3)
ID = 250 mA; VDD = 50 V;
VGS = 0 to 10 V
ton
typ.
max.
5
10
ns
ns
toff
typ.
max.
20
30
ns
ns
Fig.2 Switching time test circuit.
handbook, halfpage
MSA631
50
Ω
VDD = 50 V
ID
10 V
0 V
Fig.3 Input and output waveforms.
handbook, halfpage
MBB692
10 %
90 %
90 %
10 %
ton
toff
OUTPUT
INPUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com