Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7765 Datasheet(PDF) 13 Page - Analog Devices

Part # AD7765
Description  24-Bit, 156 kSPS,112dB ADC, With On-Chip Buffers, Serial Interface
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7765 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD7765 Datasheet HTML 9Page - Analog Devices AD7765 Datasheet HTML 10Page - Analog Devices AD7765 Datasheet HTML 11Page - Analog Devices AD7765 Datasheet HTML 12Page - Analog Devices AD7765 Datasheet HTML 13Page - Analog Devices AD7765 Datasheet HTML 14Page - Analog Devices AD7765 Datasheet HTML 15Page - Analog Devices AD7765 Datasheet HTML 16Page - Analog Devices AD7765 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Preliminary Technical Data
AD7765
Rev. PrC | Page 13 of 21
AD7765 INTERFACE
READING DATA
The AD7765 uses an SPI compatible serial interface. The timing
diagram in Figure 2 shows how the AD7765 transmits its
conversion results.
The data being read from the AD7765 is clocked out using the
serial clock output, SCO. The SCO frequency is half that of the
MCLK input to the AD7765.
The conversion result output on the serial data output (SDO)
line is framed by the frame synchronization output, FSO, which
is sent logic low for 32 SCO cycles. Each bit of the new
conversion result is clocked onto the SDO line on the rising
SCO edge and is valid on the falling SCO edge. The 32-bit result
consists of the 24 data bits which, are followed by 5 status bits
followed by a further 3 zeros. The five status bits are :
D7
D3
DVALID
OVR
LPWR
Dec_Rate 1
Dec_Rate 0
WRITING TO THE AD7765
The AD7765 write operation is shown in Figure 3. The serial
writing operation is synchronous to the SCO signal. The status
of the frame sync input,FSI , is checked on the falling edge of
the SCO signal. If the FSI line is low then the first data bit on
the serial data in (SDI) line is latched in on the next SCO falling
edge.
The active edge of the FSI signal should be set to occur at a
position when the SCO signal is high or low, which allows set-
up and hold time from the SCO falling edge to be met. The
width of the FSI signal may be set to between 1 and 32 SCO
periods wide. A second or subsequent FSI falling edge which
occurs before 32 SCO periods have elapsed will be ignored.
Figure 3 details the format for the serial data being written to
the AD7765, through the SDI pin. 32 bits are required for a
write operation. The first 16 bits are used to select the register
address that the data being read is intended for. The second 16
bits contain the data for the selected register.
Writing to AD7765 should be allowed at any time even while
reading a conversion result. It should be noted that after writing
to the devices, valid data will not be output until after the
settling time for the filter has elapsed. The DVALID status bit is
asserted at this point to indicate that the filter has settled and
that valid data is available at the output.
READING STATUS AND OTHER REGISTERS
The AD7765 features a programmable control registers and a
read-only status register. To read back the contents of these
registers, the user must first write to the control register of the
device, setting a bit corresponding to the register to be read.
The next read operation then outputs the contents of the
selected register instead of a conversion result.
To ensure that the next read cycle contains the contents of the
register that has been written to, the write operation to the register
in question must be completed a minimum of 8 × tSCO before
the falling edge of FSO, which indicates the start of the next
read cycle. See Figure 4 for details.
Information on the relevant bits that must be set in the control
register are provided in the AD7765 Registers section.
SYNCHRONISATION
The SYNC input to the AD7765 provides a synchronization
function that allows the user to begin gathering samples of the
analog front-end input from a known point in time.
The SYNC function allows multiple AD7765s, operated from
the same master clock and using the same SYNC signal, to be
synchronized so that each ADC simultaneously updates its
output register.
Using a common SYNC signal to all AD7765 devices in a
system allows synchronization to occur. On the falling edge of
the SYNC signal the digital filter sequencer is reset to 0. The
filter is held in reset state until a rising edge of the SCO senses
SYNC high. Thus, to perform a synchronization of devices, a
SYNC pulse of a minimum of 2.5 ICLK cycles in length can be
applied, synchronous to the falling edge of SCO. On the first
rising edge of SCO after SYNC goes logic high, the filter is taken
out of reset, and the multiple parts gather input samples
synchronously.
Following a SYNC, the digital filter needs time to settle before
valid data can be read from the AD7765. The user knows there
is valid data on the SDO line by checking the DVALID status bit
(see D7 in the status bits listing) that is output with each conversion
result. The time from the rising edge of SYNC until the DVALID
bit is asserted is dependent on the filter configuration used. See the
Theory of Operation section and the figures listed in Table 5 for
details on calculating the time until DVALID is asserted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com