Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC1G14GS Datasheet(PDF) 16 Page - Nexperia B.V. All rights reserved

Part # 74LVC1G14GS
Description  Single Schmitt-trigger inverter
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC1G14GS Datasheet(HTML) 16 Page - Nexperia B.V. All rights reserved

Back Button 74LVC1G14GS Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC1G14GS Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC1G14GS Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74LVC1G14GS Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74LVC1G14GS Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74LVC1G14GS Datasheet HTML 16Page - Nexperia B.V. All rights reserved 74LVC1G14GS Datasheet HTML 17Page - Nexperia B.V. All rights reserved 74LVC1G14GS Datasheet HTML 18Page - Nexperia B.V. All rights reserved 74LVC1G14GS Datasheet HTML 19Page - Nexperia B.V. All rights reserved  
Zoom Inzoom in Zoom Outzoom out
 16 / 19 page
background image
Nexperia
74LVC1G14
Single Schmitt-trigger inverter
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT1269-2
- - -
sot1269-2_po
17-04-07
17-06-30
Unit
mm
max
nom
min
0.35 0.04
0.65 0.20
0.18 0.10
0.05
A
Dimensions (mm are the original dimensions)
X2SON4: plastic thermal enhanced extremely thin small outline package; no leads;
4 terminals; body 0.6 x 0.6 x 0.32 mm
SOT1269-2
A1
D
0.65
E
b
e
L
v
y
0.05
w
0.05
y1
0.32 0.02
0.60 0.15 0.40
0.60
0.13
0.30 0.00
0.55 0.10
0.55
0.23
0
scale
1 mm
pin 1
ID area
1
4
2
3
A
B
D
E
y
C
C
y1
detail X
A
A1
L
(4x)
X
e
e
b
(4x)
A
C
B
v
C
w
Fig. 22. Package outline SOT1269-2 (X2SON4)
74LVC1G14
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
Rev. 17 — 20 January 2022
16 / 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com