Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74LVC1G66 Datasheet(PDF) 13 Page - Nexperia B.V. All rights reserved

Part # 74LVC1G66
Description  Bilateral switch
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEXPERIA [Nexperia B.V. All rights reserved]
Direct Link  https://www.nexperia.com/
Logo NEXPERIA - Nexperia B.V. All rights reserved

74LVC1G66 Datasheet(HTML) 13 Page - Nexperia B.V. All rights reserved

Back Button 74LVC1G66 Datasheet HTML 9Page - Nexperia B.V. All rights reserved 74LVC1G66 Datasheet HTML 10Page - Nexperia B.V. All rights reserved 74LVC1G66 Datasheet HTML 11Page - Nexperia B.V. All rights reserved 74LVC1G66 Datasheet HTML 12Page - Nexperia B.V. All rights reserved 74LVC1G66 Datasheet HTML 13Page - Nexperia B.V. All rights reserved 74LVC1G66 Datasheet HTML 14Page - Nexperia B.V. All rights reserved 74LVC1G66 Datasheet HTML 15Page - Nexperia B.V. All rights reserved 74LVC1G66 Datasheet HTML 16Page - Nexperia B.V. All rights reserved 74LVC1G66 Datasheet HTML 17Page - Nexperia B.V. All rights reserved Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
Nexperia
74LVC1G66
Bilateral switch
001aam393
VIH
VO
VCC
0.5VCC
Z/Y
Y/Z
E
50 Ω
fi
RL
0.1 µF
CL
dB
Adjust fi voltage to obtain 0 dBm level at output. Increase fi frequency until dB meter reads -3 dB.
Fig. 20. Test circuit for measuring the frequency response when switch is in ON-state
001aam394
VIL
VO
VCC
0.5VCC
Z/Y
Y/Z
E
50 Ω
fi
RL
0.5VCC
RL
0.1 µF
CL dB
Adjust fi voltage to obtain 0 dBm level at input.
Fig. 21. Test circuit for measuring isolation (OFF-state)
001aam395
VO
VCC
0.5VCC
Z/Y
Y/Z
E
50 Ω
600 Ω
logic
input
RL
0.5VCC
CL
G
Fig. 22. Test circuit for measuring crosstalk between digital input and switch
001aam396
VO
VCC
Z/Y
Y/Z
E
logic
input
RL
1 MΩ
Rgen
CL
0.1 nF
Vgen
G
001aam398
on
off
logic
input (E)
VO
off
ΔVO
Qinj = ΔVO × CL.
ΔVO = output voltage variation.
Rgen = generator resistance.
Vgen = generator voltage.
Fig. 23. Test circuit for measuring charge injection
74LVC1G66
All information provided in this document is subject to legal disclaimers.
© Nexperia B.V. 2022. All rights reserved
Product data sheet
Rev. 12 — 12 January 2022
13 / 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com