Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

983-UW/02 Datasheet(PDF) 1 Page - WECO ELECTRICAL CONNECTORS INC.

Part # 983-UW/02
Description  PCB connector Screw connection, wire entrance vertical to PCB, with surrounding rib
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WECO [WECO ELECTRICAL CONNECTORS INC.]
Direct Link  https://wecoconnectors.com/en/
Logo WECO - WECO ELECTRICAL CONNECTORS INC.

983-UW/02 Datasheet(HTML) 1 Page - WECO ELECTRICAL CONNECTORS INC.

  983-UW/02 Datasheet HTML 1Page - WECO ELECTRICAL CONNECTORS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TECHNICAL DATA SHEET
983-UW
PCB connector
Screw connection, wire entrance vertical to PCB, with surrounding rib
05.12
MATERIAL
Moulding
PA HT, black, V-0
Comparative Tracking Index
CTI ≥ 600
Insulating Group
I
Temperature Range
-40°C up to 120°C; temporary max. 260°C (15-30
sec)
Pressure clamp
Tin plated brass
Screw
M4; zinc plated steel, blue passivated
Solder pin
0,8 x 1,0 mm; tin plated brass
CONFIGURATIONS
Poles Part number
Article number
Length (L)
Packaging
PU
2 983-UW/02
30.873.862
20,00 mm
Box
100
3 983-UW/03
30.873.863
30,00 mm
Box
100
4 983-UW/04
30.873.864
40,00 mm
Box
100
5 983-UW/05
30.873.865
50,00 mm
Box
100
6 983-UW/06
30.873.866
60,00 mm
Box
100
GENERAL INFORMATION
Pitch
10 mm
No. of poles
2 - 7
Additonal Information
with plus/minus screw, cross recess: Pozidriv
TECHNICAL DATA
Clamping Range
solid / stranded / AWG
0,75 - 2,5 mm² / 0,75 - 2,5 mm² / 18 - 12 AWG
Rated Cross Section
2,5 mm²
Wire Stripping Length
8,5 mm ± 0,5 mm
Overvoltage Category
III
III
II
Pollution Severity Level
3
2
2
Rated Voltage
800 V
1000 V
1000 V
Rated Impulse Voltage
8 kV
8 kV
6 kV
Rated Insulation Voltage
750 V acc. to EN 60998-1
Rated Current
15 A
Hole in PCB
ø 1,6 mm
Torque
1,2 Nm
Other specifications
Per pole two wires of identical cross-section can be
connected.
APPROVALS
Current [A]
Voltage [V]
Group
AWG
[Nm]
20
600
B, C
20 - 12
1,13
20
600
B, C
20 - 12
1,13
WECO Electrical Connectors Inc., 18050 Trans-Canada Highway,
Kirkland, Québec, Canada, H9J 4A1
Phone: 800.724.2928 | Phone: 514.694.9136 | Fax: 514.694.0956
weco@wecoconnectors.com
© Copyright by WECO
All rights reserved.WECO® is a brand of the WECO Group.
Information provided in this document may be changed without prior notice.
Please refer to our website for the full disclaimer.


Similar Part No. - 983-UW/02

ManufacturerPart #DatasheetDescription
logo
WECO ELECTRICAL CONNECT...
983-UD WECO-983-UD Datasheet
61Kb / 1P
PCB connector Screw connection, 2 solder pins per pole, with surrounding rib
05.12
983-UD/02 WECO-983-UD/02 Datasheet
61Kb / 1P
PCB connector Screw connection, 2 solder pins per pole, with surrounding rib
05.12
983-UD/03 WECO-983-UD/03 Datasheet
61Kb / 1P
PCB connector Screw connection, 2 solder pins per pole, with surrounding rib
05.12
983-UD/04 WECO-983-UD/04 Datasheet
61Kb / 1P
PCB connector Screw connection, 2 solder pins per pole, with surrounding rib
05.12
983-UD/05 WECO-983-UD/05 Datasheet
61Kb / 1P
PCB connector Screw connection, 2 solder pins per pole, with surrounding rib
05.12
More results

Similar Description - 983-UW/02

ManufacturerPart #DatasheetDescription
logo
WECO ELECTRICAL CONNECT...
180-A-121 WECO-180-A-121 Datasheet
90Kb / 1P
PCB connector Screw connection, wire entrance vertical to PCB
07.11
181-A-121 WECO-181-A-121 Datasheet
106Kb / 1P
PCB connector Screw connection, wire entrance vertical to PCB
07.11
210-A-121 WECO-210-A-121 Datasheet
72Kb / 1P
PCB connector Screw connection, wire entrance vertical to PCB
12.12
931 WECO-931 Datasheet
60Kb / 1P
PCB connector Screw connection, wire entrance vertical to PCB
02.13
941 WECO-941 Datasheet
87Kb / 1P
PCB connector Screw connection, wire entrance vertical to PCB
11.17
953 WECO-953 Datasheet
106Kb / 1P
PCB connector Screw connection, wire entrance vertical to PCB
11.17
961 WECO-961 Datasheet
86Kb / 1P
PCB connector Screw connection, wire entrance vertical to PCB
11.17
971 WECO-971 Datasheet
102Kb / 1P
PCB connector Screw connection, wire entrance vertical to PCB
11.17
977-OPSG WECO-977-OPSG Datasheet
147Kb / 1P
PCB connector Screw connection, wire entrance vertical to PCB
11.17
982-W WECO-982-W Datasheet
57Kb / 1P
PCB connector Screw connection, wire entrance vertical to PCB
06.18
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com