Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSP220 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BSP220
Description  P-channel enhancement mode vertical D-MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSP220 Datasheet(HTML) 2 Page - NXP Semiconductors

  BSP220 Datasheet HTML 1Page - NXP Semiconductors BSP220 Datasheet HTML 2Page - NXP Semiconductors BSP220 Datasheet HTML 3Page - NXP Semiconductors BSP220 Datasheet HTML 4Page - NXP Semiconductors BSP220 Datasheet HTML 5Page - NXP Semiconductors BSP220 Datasheet HTML 6Page - NXP Semiconductors BSP220 Datasheet HTML 7Page - NXP Semiconductors BSP220 Datasheet HTML 8Page - NXP Semiconductors BSP220 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
April 1995
2
Philips Semiconductors
Product specification
P-channel enhancement mode vertical
D-MOS transistor
BSP220
FEATURES
• Low RDS(on)
• Direct interface to C-MOS, TTL,
etc.
• High-speed switching
• No secondary breakdown.
DESCRIPTION
P-channel enhancement mode
vertical D-MOS transistor in a
miniature SOT223 envelope and
intended for use in relay, high-speed
and line transformer drivers.
PINNING - SOT223
PIN
DESCRIPTION
1
gate
2
drain
3
source
4
drain
QUICK REFERENCE DATA
PIN CONFIGURATION
SYMBOL
PARAMETER
CONDITIONS
MAX. UNIT
−VDS
drain-source voltage
200
V
−I
D
drain current
DC value
225
mA
RDS(on)
drain-source on-resistance
−ID = 200 mA
−VGS = 10 V
12
Ω
−V
GS(th)
gate-source threshold
voltage
2.8
V
Fig.1 Simplified outline and symbol.
handbook, halfpage
MAM121
4
12
3
Top view
s
d
g



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com