Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74AHC594DB Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74AHC594DB
Description  8-bit shift register with output register
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC594DB Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74AHC594DB Datasheet HTML 5Page - NXP Semiconductors 74AHC594DB Datasheet HTML 6Page - NXP Semiconductors 74AHC594DB Datasheet HTML 7Page - NXP Semiconductors 74AHC594DB Datasheet HTML 8Page - NXP Semiconductors 74AHC594DB Datasheet HTML 9Page - NXP Semiconductors 74AHC594DB Datasheet HTML 10Page - NXP Semiconductors 74AHC594DB Datasheet HTML 11Page - NXP Semiconductors 74AHC594DB Datasheet HTML 12Page - NXP Semiconductors 74AHC594DB Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
74AHC_AHCT594_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 4 July 2006
9 of 29
Philips Semiconductors
74AHC594; 74AHCT594
8-bit shift register with output register
VOL
LOW-level output voltage
VI = VIH or VIL
IO = 50 µA; VCC = 2.0 V
-
-
0.1
V
IO = 50 µA; VCC = 3.0 V
-
-
0.1
V
IO = 50 µA; VCC = 4.5 V
-
-
0.1
V
IO = 4 mA; VCC = 3.0 V
-
-
0.55
V
IO = 8 mA; VCC = 4.5 V
-
-
0.55
V
II
input leakage current
VI = VCC or GND; VCC = 5.5 V
-
-
2.0
µA
ICC
quiescent supply current
VI = VCC or GND; IO = 0 A;
VCC = 5.5 V
--80
µA
Table 6.
Static characteristics type 74AHC594 …continued
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Table 7.
Static characteristics type 74AHCT594
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tamb = 25 °C
VIH
HIGH-level input voltage
VCC = 4.5 V to 5.5 V
2.0
-
-
V
VIL
LOW-level input voltage
VCC = 4.5 V to 5.5 V
-
-
0.8
V
VOH
HIGH-level output voltage
VI = VIH or VIL
IO = −50 µA; VCC = 4.5 V
4.4
4.5
-
V
IO = −8.0 mA; VCC = 4.5 V
3.94
-
-
V
VOL
LOW-level output voltage
VI = VIH or VIL
IO = 50 µA; VCC = 4.5 V
-
0
0.1
V
IO = 8 mA; VCC = 4.5 V
-
-
0.36
V
II
input leakage current
VI = VIH or VIL; VCC = 5.5 V
-
-
0.1
µA
ICC
quiescent supply current
VI = VCC or GND; IO = 0 A;
VCC = 5.5 V
-
-
4.0
µA
∆ICC
additional quiescent supply
current
per input pin; VI =VCC − 2.1 V; other
inputs at VCC or GND; IO = 0 A;
VCC = 4.5 V to 5.5 V
-
-
1.35
mA
CI
input capacitance
VI =VCC or GND
-
3
10
pF
Tamb = −40 °C to +85 °C
VIH
HIGH-level input voltage
VCC = 4.5 V to 5.5 V
2.0
-
-
V
VIL
LOW-level input voltage
VCC = 4.5 V to 5.5 V
-
-
0.8
V
VOH
HIGH-level output voltage
VI = VIH or VIL
IO = −50 µA; VCC = 4.5 V
4.4
-
-
V
IO = −8.0 mA; VCC = 4.5 V
3.8
-
-
V
VOL
LOW-level output voltage
VI = VIH or VIL
IO = 50 µA; VCC = 4.5 V
-
-
0.1
V
IO = 8 mA; VCC = 4.5 V
-
-
0.44
V
II
input leakage current
VI = VIH or VIL; VCC = 5.5 V
-
-
1.0
µA
ICC
quiescent supply current
VI = VCC or GND; IO = 0 A;
VCC = 5.5 V
--40
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com