Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74HC2G17 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HC2G17
Description  Dual non-inverting Schmitt trigger
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC2G17 Datasheet(HTML) 2 Page - NXP Semiconductors

  74HC2G17 Datasheet HTML 1Page - NXP Semiconductors 74HC2G17 Datasheet HTML 2Page - NXP Semiconductors 74HC2G17 Datasheet HTML 3Page - NXP Semiconductors 74HC2G17 Datasheet HTML 4Page - NXP Semiconductors 74HC2G17 Datasheet HTML 5Page - NXP Semiconductors 74HC2G17 Datasheet HTML 6Page - NXP Semiconductors 74HC2G17 Datasheet HTML 7Page - NXP Semiconductors 74HC2G17 Datasheet HTML 8Page - NXP Semiconductors 74HC2G17 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
74HC_HCT2G17_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 6 October 2006
2 of 18
NXP Semiconductors
74HC2G17; 74HCT2G17
Dual non-inverting Schmitt trigger
4.
Ordering information
5.
Marking
6.
Functional diagram
Table 1.
Ordering information
Type number
Package
Temperature range
Name
Description
Version
74HC2G17GW
−40 °C to +125 °C
SC-88
plastic surface-mounted package; 6 leads
SOT363
74HC2G17GV
−40 °C to +125 °C
SC-74
plastic surface-mounted package (TSOP6); 6 leads
SOT457
74HCT2G17GW
−40 °C to +125 °C
SC-88
plastic surface-mounted package; 6 leads
SOT363
74HCT2G17GV
−40 °C to +125 °C
SC-74
plastic surface-mounted package (TSOP6); 6 leads
SOT457
Table 2.
Marking
Type number
Marking code
74HC2G17GW
HV
74HC2G17GV
HV
74HCT2G17GW
TV
74HCT2G17GV
TV
Fig 1.
Logic symbol
Fig 2.
IEC logic symbol
mnb066
1A
1Y
16
2A
2Y
34
6
1
4
3
mnb067
Fig 3.
Logic diagram
mnb068
1A
1Y
2A
2Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com