Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS16H Datasheet(PDF) 1 Page - NXP Semiconductors

Part # BAS16H
Description  High-speed switching diode in SOD123F package
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BAS16H Datasheet(HTML) 1 Page - NXP Semiconductors

  BAS16H Datasheet HTML 1Page - NXP Semiconductors BAS16H Datasheet HTML 2Page - NXP Semiconductors BAS16H Datasheet HTML 3Page - NXP Semiconductors BAS16H Datasheet HTML 4Page - NXP Semiconductors BAS16H Datasheet HTML 5Page - NXP Semiconductors BAS16H Datasheet HTML 6Page - NXP Semiconductors BAS16H Datasheet HTML 7Page - NXP Semiconductors BAS16H Datasheet HTML 8Page - NXP Semiconductors BAS16H Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1.
Product profile
1.1 General description
The BAS16H is a high-speed switching diode fabricated in planar technology, and
encapsulated in a SOD123F small and flat plastic package.
1.2 Features
s High switching speed: max. 4 ns
s Continuous reverse voltage: max. 100 V
s Repetitive peak reverse voltage: max. 100 V
s Repetitive peak forward current: max. 500 mA
s Small and flat plastic package
1.3 Applications
s High-speed switching in hybrid thick and thin-film circuits
s Mobile communication
s Digital (still) cameras
s Personal Digital Assistants (PDA)
s Personal Computer Memory Card International Association (PCMCIA) cards
1.4 Quick reference data
[1]
When switched from IF = 10 mA to IR = 10 mA; RL = 100 Ω; measured at IR = 1 mA.
BAS16H
High-speed switching diode in SOD123F package
Rev. 01 — 15 April 2005
Product data sheet
Table 1:
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VR
reverse voltage
-
-
100
V
IFRM
repetitive peak forward
current
-
-
500
mA
trr
reverse recovery time
[1] --4
ns


Similar Part No. - BAS16H

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
BAS16H WEITRON-BAS16H Datasheet
241Kb / 4P
Surface Mount Switching Diode
logo
NXP Semiconductors
BAS16H NXP-BAS16H Datasheet
150Kb / 20P
High-speed switching diodes
Rev. 05-25 August 2008
logo
SeCoS Halbleitertechnol...
BAS16H SECOS-BAS16H Datasheet
100Kb / 2P
Surface Mount Small Signal Switching Diode
logo
Galaxy Semi-Conductor H...
BAS16H BILIN-BAS16H Datasheet
175Kb / 3P
Surface Mount Switching Diodes
Rev.A
logo
Shenzhen Luguang Electr...
BAS16H LUGUANG-BAS16H Datasheet
220Kb / 2P
Surface Mount Switching Diodes
More results

Similar Description - BAS16H

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BAS21H PHILIPS-BAS21H Datasheet
52Kb / 9P
Single high-voltage switching diode in small SOD123F package
Rev. 01-11 April 2005
BZT52H PHILIPS-BZT52H Datasheet
289Kb / 10P
Single Zener diodes in a SOD123F package
Rev. 01-22 December 2005
BAS40H PHILIPS-BAS40H Datasheet
58Kb / 8P
General-purpose Schottky diode in small SOD123F package
Rev. 01-25 April 2005
BAS116H PHILIPS-BAS116H Datasheet
51Kb / 9P
75 V, low leakage diode in small SOD123F package
Rev. 01-11 April 2005
BAT54H PHILIPS-BAT54H Datasheet
48Kb / 8P
Schottky barrier single diode in small SOD123F package
Rev. 01-7 April 2005
BZT52H NXP-BZT52H_10 Datasheet
126Kb / 13P
Single Zener diodes in a SOD123F package
Rev. 3-7 December 2010
BZT52H-B39 PHILIPS-BZT52H-B39 Datasheet
137Kb / 13P
Single Zener diodes in a SOD123F package
Rev. 3-7 December 2010
BZT52H-C20 PHILIPS-BZT52H-C20 Datasheet
126Kb / 13P
Single Zener diodes in a SOD123F package
Rev. 3-7 December 2010
BAT54H PHILIPS-BAT54H_15 Datasheet
143Kb / 8P
Schottky barrier single diode in small SOD123F package
25 July 2012
logo
Nexperia B.V. All right...
BAT54H NEXPERIA-BAT54H Datasheet
1Mb / 8P
Schottky barrier single diode in small SOD123F package
25 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com