Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTL2007 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # GTL2007
Description  13-bit GTL to LVTTL translator with power good control
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

GTL2007 Datasheet(HTML) 3 Page - NXP Semiconductors

  GTL2007 Datasheet HTML 1Page - NXP Semiconductors GTL2007 Datasheet HTML 2Page - NXP Semiconductors GTL2007 Datasheet HTML 3Page - NXP Semiconductors GTL2007 Datasheet HTML 4Page - NXP Semiconductors GTL2007 Datasheet HTML 5Page - NXP Semiconductors GTL2007 Datasheet HTML 6Page - NXP Semiconductors GTL2007 Datasheet HTML 7Page - NXP Semiconductors GTL2007 Datasheet HTML 8Page - NXP Semiconductors GTL2007 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
9397 750 13264
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 2 June 2005
3 of 19
Philips Semiconductors
GTL2007
13-bit GTL to LVTTL translator with power good control
5.
Functional diagram
(1) The enable on 7BO1/7BO2 include a delay that prevents the transient condition where 5BI/6BI go from LOW to HIGH, and
the LOW to HIGH on 5A/6A lags up to 100 ns from causing a LOW glitch on the 7BO1/7BO2 outputs.
Fig 1.
Logic diagram of GTL2007
002aab210
GTL2007
1BI
2BI
27
26
GTL inputs
7BO1
25
7BO2
24
GTL outputs
EN2
23
LVTTL input
11BO
22
GTL output
DELAY(1)
5BI
6BI
21
20
3BI
19
4BI
18
DELAY(1)
GTL inputs
7
11BI
8
11A
9
9BI
LVTTL input/output
(open-drain)
GTL input
GTL input
1
VREF
2
1AO
3
2AO
4
5A
5
6A
6
EN1
LVTTL input
GTL
LVTTL inputs/outputs
(open-drain)
LVTTL outputs
10
3AO
11
4AO
LVTTL outputs
10BO1
17
10BO2
16
GTL outputs
12
10AI1
13
10AI2
LVTTL inputs
9AO
15
LVTTL output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com