Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTL2007PW Datasheet(PDF) 2 Page - NXP Semiconductors

Part # GTL2007PW
Description  13-bit GTL to LVTTL translator with power good control
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

GTL2007PW Datasheet(HTML) 2 Page - NXP Semiconductors

  GTL2007PW Datasheet HTML 1Page - NXP Semiconductors GTL2007PW Datasheet HTML 2Page - NXP Semiconductors GTL2007PW Datasheet HTML 3Page - NXP Semiconductors GTL2007PW Datasheet HTML 4Page - NXP Semiconductors GTL2007PW Datasheet HTML 5Page - NXP Semiconductors GTL2007PW Datasheet HTML 6Page - NXP Semiconductors GTL2007PW Datasheet HTML 7Page - NXP Semiconductors GTL2007PW Datasheet HTML 8Page - NXP Semiconductors GTL2007PW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
9397 750 13264
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 2 June 2005
2 of 19
Philips Semiconductors
GTL2007
13-bit GTL to LVTTL translator with power good control
3.
Quick reference data
4.
Ordering information
Standard packing quantities and other packaging data are available at
www.semiconductors.philips.com/standardics/packaging.
Table 1:
Quick reference data
Tamb =25 °C
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tPLH
propagation delay;
An-to-Bn or Bn-to-An
CL = 50 pF; VCC = 3.3 V
-
5.5
-
ns
tPHL
-
5.5
-
ns
Cio
input/output capacitance;
A-to-B
outputs disabled;
VI and VO = 0 V or 3.0 V
-
2.0
3.0
pF
input/output capacitance;
B-to-A
-
1.5
2.5
pF
Table 2:
Ordering information
Tamb = −40 °C to +85 °C
Type number
Topside
mark
Package
Name
Description
Version
GTL2007PW
GTL2007
TSSOP28
plastic thin shrink small outline package;
28 leads; body width 4.4 mm
SOT361-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com