Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSP250 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # BSP250
Description  P-channel enhancement mode vertical D-MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSP250 Datasheet(HTML) 4 Page - NXP Semiconductors

  BSP250 Datasheet HTML 1Page - NXP Semiconductors BSP250 Datasheet HTML 2Page - NXP Semiconductors BSP250 Datasheet HTML 3Page - NXP Semiconductors BSP250 Datasheet HTML 4Page - NXP Semiconductors BSP250 Datasheet HTML 5Page - NXP Semiconductors BSP250 Datasheet HTML 6Page - NXP Semiconductors BSP250 Datasheet HTML 7Page - NXP Semiconductors BSP250 Datasheet HTML 8Page - NXP Semiconductors BSP250 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
1997 Jun 20
4
Philips Semiconductors
Product specification
P-channel enhancement mode
vertical D-MOS transistor
BSP250
THERMAL CHARACTERISTICS
Note
1. Device mounted on an epoxy printed-circuit board, 40
× 40 × 1.5 mm; mounting pad for drain lead minimum 6 cm2.
CHARACTERISTICS
Tj =25 °C unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
75
K/W
Rth j-s
thermal resistance from junction to soldering point
10
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V(BR)DSS
drain-source breakdown voltage
VGS = 0; ID = −10 µA
−30
−−
V
VGSth
gate-source threshold voltage
VGS =VDS; ID = −1mA
−1
−−2.8
V
IDSS
drain-source leakage current
VGS = 0; VDS = −24 V
−−−100
nA
IGSS
gate leakage current
VGS = ±20 V; VDS =0
−−±100
nA
IDon
on-state drain current
VGS = −10 V; VDS = −1V
−3
−−
A
VGS = −4.5 V; VDS = −5V
−1
−−
A
RDSon
drain-source on-state resistance
VGS = −4.5 V; ID = −0.5 A
−
0.33
0.4
Ω
VGS = −10 V; ID = −1A
−
0.22
0.25
Ω
y
fs
forward transfer admittance
VDS = −20 V; ID = −1A
1
2
−
S
Ciss
input capacitance
VGS = 0; VDS = −20 V; f = 1 MHz −
250
−
pF
Coss
output capacitance
VGS = 0; VDS = −20 V; f = 1 MHz −
140
−
pF
Crss
reverse transfer capacitance
VGS = 0; VDS = −20 V; f = 1 MHz −
50
−
pF
QG
total gate charge
VGS = −10 V; VDS = −15 V;
ID = −2.3 A
−
10
25
nC
QGS
gate-source charge
VGS = −10 V; VDS = −15 V;
ID = −2.3 A
−
1
−
nC
QGD
gate-drain charge
VGS = −10 V; VDS = −15 V;
ID = −2.3 A
−
3
−
nC
Switching times
ton
turn-on time
VGS =0to −10 V; VDD = −20 V;
ID = −1 A; RL =20 Ω
−
20
80
ns
toff
turn-off time
VGS = −10 to 0 V; VDD = −20 V;
ID = −1 A; RL =20 Ω
−
50
140
ns
Source-drain diode
VSD
source-drain diode forward voltage
VGD = 0; IS = −1.25 A
−−−1.6
V
trr
reverse recovery time
IS = −1.25 A; di/dt = 100 A/µs
−
150
200
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com