Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P89LPC9401 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # P89LPC9401
Description  8-bit microcontroller with accelerated two-clock 80C51 core 8 kB 3 V byte-erasable flash with 32 segment x 4 LCD driver
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P89LPC9401 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button P89LPC9401 Datasheet HTML 17Page - NXP Semiconductors P89LPC9401 Datasheet HTML 18Page - NXP Semiconductors P89LPC9401 Datasheet HTML 19Page - NXP Semiconductors P89LPC9401 Datasheet HTML 20Page - NXP Semiconductors P89LPC9401 Datasheet HTML 21Page - NXP Semiconductors P89LPC9401 Datasheet HTML 22Page - NXP Semiconductors P89LPC9401 Datasheet HTML 23Page - NXP Semiconductors P89LPC9401 Datasheet HTML 24Page - NXP Semiconductors P89LPC9401 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 59 page
background image
P89LPC9401_1
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Preliminary data sheet
Rev. 01 — 5 September 2005
21 of 59
Philips Semiconductors
P89LPC9401
8-bit two-clock 80C51 microcontroller with 32 segment
× 4 LCD driver
7.13 I/O ports
The P89LPC9401 has four I/O ports: Port 0 and Port 1 are 8-bit ports. Port 2 is a 5-bit
port. Port 3 is a 2-bit port. The exact number of I/O pins available depends upon the clock
and reset options chosen, as shown in Table 6.
[1]
Required for operation above 12 MHz.
7.13.1 Port configurations
All but three I/O port pins on the P89LPC9401 may be configured by software to one of
four types on a bit-by-bit basis. These are: quasi-bidirectional (standard 80C51 port
outputs), push-pull, open drain, and input-only. Two configuration registers for each port
select the output type for each port pin.
Fig 7.
Interrupt sources, interrupt enables, and power-down wake-up sources
002aab464
IE0
EX0
IE1
EX1
BOF
EBO
KBIF
EKBI
interrupt
to CPU
wake-up
(if in power-down)
EWDRT
CMF2
CMF1
EC
EA (IE0.7)
TF1
ET1
TI and RI/RI
ES/ESR
TI
EST
SI
EI2C
SPIF
ESPI
RTCF
ERTC
(RTCCON.1)
WDOVF
TF0
ET0
Table 6:
Number of I/O pins available
Clock source
Reset option
Number of I/O pins
(not including LCD
pins)
On-chip oscillator or watchdog oscillator
No external reset (except during power-up)
23
External RST pin supported
22
External clock input
No external reset (except during power-up)
22
External RST pin supported [1]
21
Low/medium/high speed oscillator
(external crystal or resonator)
No external reset (except during power-up)
21
External RST pin supported [1]
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com