Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5B38 Datasheet(PDF) 1 Page - Analog Devices

Part # 5B38
Description  Isolated, Wide-Bandwidth Strain Gage Input
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

5B38 Datasheet(HTML) 1 Page - Analog Devices

  5B38 Datasheet HTML 1Page - Analog Devices 5B38 Datasheet HTML 2Page - Analog Devices 5B38 Datasheet HTML 3Page - Analog Devices 5B38 Datasheet HTML 4Page - Analog Devices 5B38 Datasheet HTML 5Page - Analog Devices 5B38 Datasheet HTML 6Page - Analog Devices 5B38 Datasheet HTML 7Page - Analog Devices 5B38 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Isolated, Wide-Bandwidth Strain Gage Input
5B38
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
Wide-bandwidth Single-Channel Signal Conditioning
Interfaces, Amplifies, and Filters signals from full-bridge and
half-bridge strain-gage transduces between 300
Ω and 10kΩ.
Isolated Precision Output of -5V to +5V.
10 kHz bandwidth of the 5B38 ideally suits to measure
signals that vary rapidly with time.
Module circuitry can withstand 240v rms at the input screw-
terminals.
All 5B38 series modules are mix-and-match and Hot
Swappable.
APPLICATIONS
Industrial signal conditioning
Industrial signal isolation
Industrial signal filtering
PRODUCT OVERVIEW
The 5B Series represents an innovative generation of low cost,
high performance plug-in signal conditioners. Designed for
industrial applications, these modules incorporate highly
reliable transformer-based isolation and automated surface-
mount manufacturing technology. They are compact,
economical components whose performance exceeds that
available from more expensive devices. Combining 1500 V rms
continuous isolation, +0.05% calibrated accuracy, small size and
low cost, the 5B Series is an attractive alternative to expensive
signal conditioners and in-house designs
All modules are potted and identical in pin-out and size (2.27” x
2.32” x 0.595”). They can be mixed and matched, permitting
users to address their exact needs, and may be “hot swapped
without disturbing field wiring or power. The isolated input
modules provide 0 to +5V or +5V outputs and accept J, K, T, E,
R, S, N, or B type thermocouples.
These modules feature complete signal conditioning functions
including 240 V rms input protection, filtering, chopper
stabilized low drift +1 uV/oC amplification, 1500 V rms
isolation, and sensor excitation when required.
All modules feature excellent common mode rejection and
meet industrial transient surge withstand specifications.
FUNCTIONAL BLOCK DIAGRAM
Figure 1. 5B38 Functional Block Diagram
There are also a number of backplanes and mounting sockets
which provide a complete signal conditioning solution for end
users. Each backplane incorporates screw terminals for field
wiring inputs and outputs and cold junction sensors for
thermocouple applications.
These signal conditioners are designed to provide an easy and
convenient solution to signal conditioning problems of both
designers and end users in measurement and control
applications. Typical uses include microcomputer-based
measurement systems, standard data acquisition systems,
programmable controllers, analog recorders and dedicated
control systems. The 5 B series modules are ideally suited to
applications where monitoring and control of temperature,
pressure, flow, rotation and other analog signals are required.
The 5B Series modules and backplanes are approved by Factory
Mutual (FM) and the 5B Series modules are approved by the
Canadian Standards Association (CSA) for use in Class 1,
Division 2, Groups A, B, C, and D locations. These approvals
certify that the 5B Series is suitable for use in locations where a
hazardous concentration of flammable gas may exist only under
fault conditions of operation. Equipment of this category is
called “non-incendive” and they need no special enclosures or
other physical safeguards.
The 5B series modules and backplanes have been tested and
passed the stringent heavy industrial requirements of the
European Union’s electromagnetic compatibility (ENC)
directive – EN50082-1 and EN50081-2. When used according
to installation directions (refer to 5B series User Manual), any
errors caused by EMI/RFI interference will be less than 0.1% of
the full scale 5B measurement range for field strengths up to 10
V/M and frequencies up to 1 GHz.


Similar Part No. - 5B38

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5B38 AD-5B38_15 Datasheet
706Kb / 8P
Isolated, Wide-Bandwidth Strain Gage Input
REV. 0
More results

Similar Description - 5B38

ManufacturerPart #DatasheetDescription
logo
Analog Devices
1B31 AD-1B31 Datasheet
609Kb / 8P
Wide Bandwidth Strain Gage Signal Conditioner
3B16-CUSTOM AD-3B16-CUSTOM Datasheet
350Kb / 8P
Narrow Bandwidth Strain Gage Input
3B18-00 AD-3B18-00 Datasheet
335Kb / 8P
Wide Bandwidth Strain Gage Input
3B20 AD-3B20 Datasheet
357Kb / 8P
AC Strain Gage, Torque Transducer Input
logo
National Instruments Co...
NISCXI-1520 NI-NISCXI-1520 Datasheet
320Kb / 9P
SCXI Universal Strain Gage Input
logo
Analog Devices
1B31 AD-1B31_15 Datasheet
616Kb / 8P
WIDE BANDWIDTH STRAIN GAGE SIGNAL CONDITIONER
3B16 AD-3B16_15 Datasheet
358Kb / 8P
Narrow Bandwidth Strain Gage Input
REV. 0
3B18 AD-3B18_15 Datasheet
340Kb / 8P
Wide Bandwidth Strain Gage Input
REV. 0
3B20 AD-3B20_15 Datasheet
358Kb / 8P
AC Strain Gage, Torque Transducer Input
REV. 0
5B38 AD-5B38_15 Datasheet
706Kb / 8P
Isolated, Wide-Bandwidth Strain Gage Input
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com