Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F525 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F525
Description  Programmable Counter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F525 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  74F525 Datasheet HTML 1Page - National Semiconductor (TI) 74F525 Datasheet HTML 2Page - National Semiconductor (TI) 74F525 Datasheet HTML 3Page - National Semiconductor (TI) 74F525 Datasheet HTML 4Page - National Semiconductor (TI) 74F525 Datasheet HTML 5Page - National Semiconductor (TI) 74F525 Datasheet HTML 6Page - National Semiconductor (TI) 74F525 Datasheet HTML 7Page - National Semiconductor (TI) 74F525 Datasheet HTML 8Page - National Semiconductor (TI) 74F525 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Logic Symbol
TLF9547 – 1
Unit LoadingFan Out
74F
Pin Names
Description
UL
Input IIH IIL
HIGHLOW
Output IOH IOL
Q
Ouput (Primarily indicates when
50333
b
1 mA20 mA
the counter has reached zero)
Q2
Output (Divides Q by 2)
50333
b
1 mA20 mA
M0–M2
Status Inputs
1010
20 mA b06 mA
MR
Master Reset
1010
20 mA b06 mA
CP
Clock Pulse
1020
20 mA b12 mA
D0–D15
Data Inputs
1010
20 mA b06 mA
WE
Write Enable Input
1010
20 mA b06 mA
XTR
External Trigger Input
1020
20 mA b12 mA
XTAL
Crystal Output
1010
20 mA b06 mA
Functional Description
The multi-function aspect of the device consists of eight
different modes of operation An explanation of the opera-
tion of the device in each of the modes follows However
there is one operation that is independent of the selected
mode the loading of data Data is latched into a set of data
latches when WE is brought from a LOW to a HIGH state
The latches are transparent when WE is held LOW
Operation Notes
1 Device should be reset before operation
2 The XTR input acts as a select line for the clock
3 With XTR low the clock goes into the counter
4 With XTR high the clock loads the counter
5 In mode 4 and 5 during counting the counter cannot be
reloaded XTR high freezes the count
6 Mode 7 is the only auto-reload mode all other modes
require and XTR pulse to begin
7 Loading 0 into the latches idles the device
MODE 0 Interval Timer with Level Output
While XTR is HIGH the data in the data latches is loaded
into the counter upon the next positive edge of CP The
negative edge of XTR enables the count-down to begin with
the next positive edge of CP When the count reaches zero
Q normally LOW is brought HIGH and Q2 toggles state
Taking XTR HIGH at any time enables the data in the data
latches to be loaded into the counter on the rising edge of
CP and clears Q See
Figure 1
MODE 1 Interval Timer with Inverted Level Output
The operation is exactly the same as in Mode 0 except that
Q is normally HIGH and goes LOW when the count reaches
zero Q2 toggles on the negative-edge of Q See
Figure 1
MODE 2 Interval Timer with Pulse Output
While XTR is HIGH the data in the data latches is loaded
into the counter upon the next positive edge of CP The
negative edge of XTR enables the count-down to begin with
the next positive edge of CP When the count reaches zero
Q normally LOW is brought HIGH for a single period of CP
Q2 toggles state on the positive edge of Q Taking XTR
HIGH at any time causes the data in the data latches to be
loaded into the counter on the rising edge of CP and clears
Q See
Figure 2
MODE 3 Interval Timer with Inverted Pulse Output
The operation is exactly the same as in Mode 2 except that
Q is normally HIGH and goes LOW for a single period of CP
Q2 toggles on the negative edge of Q See
Figure 2
2



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com