Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P87LPC764FN Datasheet(PDF) 18 Page - NXP Semiconductors

Part # P87LPC764FN
Description  Low power, low price, low pin count (20 pin) microcontroller with 4 kbyte OTP
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87LPC764FN Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button P87LPC764FN Datasheet HTML 14Page - NXP Semiconductors P87LPC764FN Datasheet HTML 15Page - NXP Semiconductors P87LPC764FN Datasheet HTML 16Page - NXP Semiconductors P87LPC764FN Datasheet HTML 17Page - NXP Semiconductors P87LPC764FN Datasheet HTML 18Page - NXP Semiconductors P87LPC764FN Datasheet HTML 19Page - NXP Semiconductors P87LPC764FN Datasheet HTML 20Page - NXP Semiconductors P87LPC764FN Datasheet HTML 21Page - NXP Semiconductors P87LPC764FN Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 60 page
background image
Philips Semiconductors
Product data
P87LPC764
Low power, low price, low pin count (20 pin)
microcontroller with 4 kbyte OTP
2003 Sep 03
17
External Interrupt Inputs
The P87LPC764 has two individual interrupt inputs as well as the
Keyboard Interrupt function. The latter is described separately
elsewhere in this section. The two interrupt inputs are identical to
those present on the standard 80C51 microcontroller.
The external sources can be programmed to be level-activated or
transition-activated by setting or clearing bit IT1 or IT0 in Register
TCON. If ITn = 0, external interrupt n is triggered by a detected low
at the INTn pin. If ITn = 1, external interrupt n is edge triggered. In
this mode if successive samples of the INTn pin show a high in one
cycle and a low in the next cycle, interrupt request flag IEn in TCON
is set, causing an interrupt request.
Since the external interrupt pins are sampled once each machine
cycle, an input high or low should hold for at least 6 CPU Clocks to
ensure proper sampling. If the external interrupt is
transition-activated, the external source has to hold the request pin
high for at least one machine cycle, and then hold it low for at least
one machine cycle. This is to ensure that the transition is seen and
that interrupt request flag IEn is set. IEn is automatically cleared by
the CPU when the service routine is called.
If the external interrupt is level-activated, the external source must
hold the request active until the requested interrupt is actually
generated. If the external interrupt is still asserted when the interrupt
service routine is completed another interrupt will be generated. It is
not necessary to clear the interrupt flag IEn when the interrupt is
level sensitive, it simply tracks the input pin level.
If an external interrupt is enabled when the P87LPC764 is put into
Power Down or Idle mode, the interrupt will cause the processor to
wake up and resume operation. Refer to the section on Power
Reduction Modes for details.
SU01753
WAKEUP
(IF IN POWER
DOWN)
EA
(FROM IEN0
REGISTER)
INTERRUPT
TO CPU
IE0
EX0
IE1
EX1
BOF
EBO
KBF
EKB
CM2
EC2
WDT
EWD
CM1
EC1
TF0
ET0
TF1
ET1
RI + TI
ES
ATN
EI2
Figure 9. Interrupt Sources, Interrupt Enables, and Power Down Wakeup Sources



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com