Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5597 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # 2SC5597
Description  Horizontal Deflection Transistor Series for TV
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC5597 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  2SC5597 Datasheet HTML 1Page - Panasonic Semiconductor 2SC5597 Datasheet HTML 2Page - Panasonic Semiconductor 2SC5597 Datasheet HTML 3Page - Panasonic Semiconductor 2SC5597 Datasheet HTML 4Page - Panasonic Semiconductor 2SC5597 Datasheet HTML 5Page - Panasonic Semiconductor 2SC5597 Datasheet HTML 6Page - Panasonic Semiconductor 2SC5597 Datasheet HTML 7Page - Panasonic Semiconductor 2SC5597 Datasheet HTML 8Page - Panasonic Semiconductor 2SC5597 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Horizontal Deflection Transistor Series for TV
s Overview
Based on accumulated manufacturing technology, these horizontal deflection transistors for TVs offer high performance
and compact design. They can also withstand high voltage and maintain low loss. They also have a broad area of safe-
operation, despite an absolutely minimal chip area which allows very compact package configuration. These advanced
features contribute to higher performing, more reliable home-use TVs that cost less.
s Features
q Withstands ultrahigh voltage : 1500V/1600V/1700V/1800V/2000V
q Low loss:VCE(sat)<3V
q Broad area of safe-operation.
1 Kotari Yakemachi, Nagaokakyo, Kyoto, 617-8520 Japan
Tel. (075) 951-8151
http://www.mec.panasonic.co.jp
New publication, effective from Sep 12 2000.
¦ The products and specifications are subject to change without any notice. Please ask for the latest product standards to guarantee the satisfaction of your product requirements.
s Spacifications
s Applications
qTVs qWide-screen TVs qDigital TVs
Ic
(A)
2SC5622/2SC5572
VCBO
(V)
1500
7
6
8
20
1700/1800
2000
2SC5518/2SC5523
2SC5517/2SC5522
2SC5519/2SC5524
2SC5516/2SC5584
2SC5546
18
2SC5553/2SC5597
2SC5591/2SC5591A
22
20
to 14
to 29
to 29
to 25
to 32
to 36
Built-in
Not built-in
fH
(kHz)
15.75
32
Package
Now
Compact
packaging
1600/1700
TOP-3E/3D
TOP-3E/3D
TOP-3E/3D
TOP-3E/3L
TOP-3E
TOP-3E
TOP-3E/3L
Possible
6
1500
1700
to 36
TOP-3E
Part No.
Recommended condition
Parameter
Damper diode
Electric Characteristics
Screen size
(inch)
Possible
Possible
Possible
2SC5514/2SC5521
2SC5657
2SC5686
TOP-3E
TOP-3E/3D
TOP-3E/3D
Possible
Possible
20
13
4
to 36
Built-in
32
Not built-in
64
15.75
New
E00065BE
Semiconductor Company, Matsushita Electronics Corporation


Similar Part No. - 2SC5597

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
2SC5597 PANASONIC-2SC5597 Datasheet
54Kb / 2P
Silicon NPN triple diffusion mesa type(For horizontal deflection output)
More results

Similar Description - 2SC5597

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC3769 HITACHI-2SC3769 Datasheet
34Kb / 1P
TV HORIZONTAL DEFLECTION OUTPUT
logo
General Electric Compan...
6AV5GA GEC-6AV5GA Datasheet
351Kb / 4P
FOR TV HORIZONTAL-DEFLECTION AMPLIFIER APPLICATIONS
logo
Unisonic Technologies
PC1031 UTC-PC1031 Datasheet
95Kb / 4P
TV HORIZONTAL DEFLECTION CIRCUIT
logo
JILIN SINO-MICROELECTRO...
3DD1555P JSMC-3DD1555P Datasheet
219Kb / 5P
Horizontal deflection output for color TV
3DD5017P JSMC-3DD5017P Datasheet
266Kb / 5P
Horizontal deflection output for color TV
3DD5023P JSMC-3DD5023P Datasheet
210Kb / 5P
Horizontal deflection output for color TV
3DD5024P JSMC-3DD5024P Datasheet
233Kb / 5P
Horizontal deflection output for color TV.
3DD5032P JSMC-3DD5032P Datasheet
223Kb / 5P
Horizontal deflection output for color TV.
3DD5036P JSMC-3DD5036P Datasheet
246Kb / 5P
Horizontal deflection output for color TV.
logo
Unisonic Technologies
PC1031 UTC-PC1031_V01 Datasheet
95Kb / 4P
TV HORIZONTAL DEFLECTION HORIZONTAL DEFLECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com