Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCK940L Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCK940L
Description  Low voltage 1 : 18 clock distribution chip
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK940L Datasheet(HTML) 3 Page - NXP Semiconductors

  PCK940L Datasheet HTML 1Page - NXP Semiconductors PCK940L Datasheet HTML 2Page - NXP Semiconductors PCK940L Datasheet HTML 3Page - NXP Semiconductors PCK940L Datasheet HTML 4Page - NXP Semiconductors PCK940L Datasheet HTML 5Page - NXP Semiconductors PCK940L Datasheet HTML 6Page - NXP Semiconductors PCK940L Datasheet HTML 7Page - NXP Semiconductors PCK940L Datasheet HTML 8Page - NXP Semiconductors PCK940L Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
PCK940L_1
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 4 April 2006
3 of 16
Philips Semiconductors
PCK940L
Low voltage 1 : 18 clock distribution chip
5.
Pinning information
5.1 Pinning
5.2 Pin description
Fig 2.
Pin configuration for LQFP32
PCK940LBD
GND1
Q6
GND2
Q7
LVCMOS_CLK
Q8
LVCMOS_CLKSEL
VCC2
PECL_CLK
Q9
PECL_CLK
Q10
VCC2
Q11
VCC1
GND2
002aab888
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
Table 2.
Pin description
Symbol
Pin
I/O
Type
Description
PECL_CLK
5
input
LVPECL
reference clock input
PECL_CLK
6
input
LVPECL
reference clock input
(active LOW)
LVCMOS_CLK
3
input
LVCMOS
alternative reference clock
input
LVCMOS_CLKSEL
4
input
LVCMOS
clock source select
Q0 to Q17
32, 31, 30, 28,
27, 26, 24, 23,
22, 20, 19, 18,
15, 14, 11, 10, 9
output
LVCMOS
clock outputs
GND1
1, 12, 25
-
supply
output negative power supply
GND2
2, 17
-
supply
core negative power supply
VCC1
8, 16, 29
-
supply
output positive power supply
VCC2
7, 21
-
supply
core positive power supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com