Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCK9447 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PCK9447
Description  3.3 V/2.5 V 1 : 9 LVCMOS clock fan-out buffer
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK9447 Datasheet(HTML) 3 Page - NXP Semiconductors

  PCK9447 Datasheet HTML 1Page - NXP Semiconductors PCK9447 Datasheet HTML 2Page - NXP Semiconductors PCK9447 Datasheet HTML 3Page - NXP Semiconductors PCK9447 Datasheet HTML 4Page - NXP Semiconductors PCK9447 Datasheet HTML 5Page - NXP Semiconductors PCK9447 Datasheet HTML 6Page - NXP Semiconductors PCK9447 Datasheet HTML 7Page - NXP Semiconductors PCK9447 Datasheet HTML 8Page - NXP Semiconductors PCK9447 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
9397 750 12522
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 13 October 2005
3 of 17
Philips Semiconductors
PCK9447
3.3 V/2.5 V 1 : 9 LVCMOS clock fan-out buffer
5.
Pinning information
5.1 Pinning
5.2 Pin description
Fig 2.
Pin configuration for LQFP32
PCK9447BD
GND
GND
CLK_SEL
Q3
CCLK0
VCC
CCLK1
Q4
CLK_STOP
GND
OE
Q5
VCC
VCC
GND
GND
002aaa715
1
2
3
4
5
6
7
8
24
23
22
21
20
19
18
17
Table 2:
Pin description
Symbol
Pin
Type
Description
CCLK0
3
I
clock signal input
CCLK1
4
I
alternative clock signal input
CLK_SEL
2
I
clock input select
CLK_STOP
5
I
clock output enable/disable
OE
6
I
output enable/disable (high-impedance, 3-state)
Q0 to Q8
30, 28, 26,
23, 21, 19,
15, 13, 11
O
clock outputs
GND
1, 8, 9, 12,
16, 17, 20,
24, 25, 29,
32
ground
negative power supply (GND)
VCC
7, 10, 14,
18, 22, 27,
31
power
Positive power supply for I/O and core. All VCC pins must
be connected to the positive power supply for correct
operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com