Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7231 Datasheet(PDF) 4 Page - LSI Computer Systems

Part # LS7231
Description  TOUCH CONTROL LAMP DIMMER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7231 Datasheet(HTML) 4 Page - LSI Computer Systems

  LS7231 Datasheet HTML 1Page - LSI Computer Systems LS7231 Datasheet HTML 2Page - LSI Computer Systems LS7231 Datasheet HTML 3Page - LSI Computer Systems LS7231 Datasheet HTML 4Page - LSI Computer Systems LS7231 Datasheet HTML 5Page - LSI Computer Systems LS7231 Datasheet HTML 6Page - LSI Computer Systems LS7231 Datasheet HTML 7Page - LSI Computer Systems LS7231 Datasheet HTML 8Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
7231-4-032795-4
OFF
50°
100°
150°
OFF
50°
100°
150°
OFF
50°
100°
150°
OFF
50°
100°
150°
SENS
LS7231
LS7232
LS7233
LS7234
SHORT
LONG
TS2
TS1
SHORT
341ms
LONG
SHORT
LONG
SAA
SBA
SAA
SBA
SAA
SBA
SLOPE = SAA
SLOPE = SBA
A0
A1
A1
A2
A2
B2
B2
B1
B2
B1
MEMORY
REVERSE
MEMORY
MEMORY
SBA = 1.4° per four SYNC CYCLES, 15 steps total for A1 to B1 or B2 to A2
SAA = 1.4° per two SYNC CYCLES, 68 steps total for A0 to A1 or A2 to A0
A0
A0
A0
SAA
SAA
SAA
SAA
SAA
SAA
A2
A2
A2
SBA
SBA
B2
B1
B1
B2
B2
B2
B1
SBA
SBA
SAA
SAA
SBA
SBA
A0
B1 B2
A0
SAA
A1
A1
A2
A1
B2
MEMORY
FIGURE 2. TRIG OUTPUT CONDUCTION ANGLE, Ø, VS SENS INPUT



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com