Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCK9448 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCK9448
Description  3.3 V/2.5 V LVCMOS 1 : 12 clock fan-out buffer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PCK9448 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCK9448 Datasheet HTML 9Page - NXP Semiconductors PCK9448 Datasheet HTML 10Page - NXP Semiconductors PCK9448 Datasheet HTML 11Page - NXP Semiconductors PCK9448 Datasheet HTML 12Page - NXP Semiconductors PCK9448 Datasheet HTML 13Page - NXP Semiconductors PCK9448 Datasheet HTML 14Page - NXP Semiconductors PCK9448 Datasheet HTML 15Page - NXP Semiconductors PCK9448 Datasheet HTML 16Page - NXP Semiconductors PCK9448 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
9397 750 12534
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 29 November 2005
13 of 20
Philips Semiconductors
PCK9448
3.3 V/2.5 V LVCMOS 1 : 12 clock fan-out buffer
(2)
In Equation 2, P stands for the number of outputs with a parallel or Thevenin termination;
VOL, IOL, VOH and IOH are a function of the output termination technique; δo is the clock
signal duty cycle. If transmission lines are used,
ΣCL is zero in Equation 2 and can be
eliminated. In general, the use of controlled transmission line techniques eliminates the
impact of the lumped capacitive loads at the end lines and greatly reduces the power
dissipation of the device. Equation 3 describes the die junction temperature Tj as a
function of the power consumption.
(3)
Where Rth(j-a) is the thermal impedance of the package (junction-to-ambient) and Tamb is
the ambient temperature. According to Table 10, the junction temperature can be used to
estimate the long-term device reliability. Further, combining Equation 1 and Equation 2
results in a maximum operating frequency for the PCK9448 in a series terminated
transmission line system, Equation 4.
(4)
Tj(max) should be selected according to the MTBF system requirements and Table 10.
Rth(j-a) can be derived from Table 11. The Rth(j-a) represent data based on 1S2P boards;
using 2S2P boards will result in a lower thermal impedance than indicated below.
If the calculated maximum frequency is below 350 MHz, it becomes the upper clock speed
limit for the given application conditions. The following four derating charts describe the
safe frequency operation range for the PCK9448. The charts were calculated for a
maximum tolerable die junction temperature of 110
°C (120 °C), corresponding to an
estimated MTBF of 9.1 years (4 years), a supply voltage of 3.3 V and series terminated
transmission line or capacitive loading. Depending on a given set of these operating
conditions and the available device convection, a decision on the maximum operating
frequency can be made.
Table 11:
Thermal package impedance of the LQFP32
Convection (LFPM)
Rth(j-a) (°C/W) (1P2S board)
Rth(j-a) (°C/W) (2P2S board)
still air
88
61
100
76
56
200
71
54
300
68
53
400
66
52
500
60
49
P
tot
V
CC
I
qmax
()
V
CC
f
clk
×
+
NC
PD
C
L
M
∑
+
×


×
×
δ
o
I
OH
V
CC
V
OH
–
()
1DC
Q
–
() I
OL
V
OL
×
×
+
×
×
[]
P
∑
+
=
T
j
T
amb
P
tot
R
th j-a
()
×
+
=
f
clk max
()
1
C
PD
N
×
V
CC
2
×
-----------------------------------------
T
jmax
()
T
amb
–
R
th j-a
()
------------------------------------
I
qmax
()
V
CC
×
()
–
×
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com