Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS7234 Datasheet(PDF) 5 Page - LSI Computer Systems

Part # LS7234
Description  TOUCH CONTROL LAMP DIMMER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LSI [LSI Computer Systems]
Direct Link  http://www.lsicsi.com
Logo LSI - LSI Computer Systems

LS7234 Datasheet(HTML) 5 Page - LSI Computer Systems

  LS7234 Datasheet HTML 1Page - LSI Computer Systems LS7234 Datasheet HTML 2Page - LSI Computer Systems LS7234 Datasheet HTML 3Page - LSI Computer Systems LS7234 Datasheet HTML 4Page - LSI Computer Systems LS7234 Datasheet HTML 5Page - LSI Computer Systems LS7234 Datasheet HTML 6Page - LSI Computer Systems LS7234 Datasheet HTML 7Page - LSI Computer Systems LS7234 Datasheet HTML 8Page - LSI Computer Systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
OUTPUT
DRIVER
DIGITAL
COMPARATOR
Ø
MEMORY
Ø
POINTER
PHASE
LOCK
LOOP
CONTROL
LOGIC
BUF
BUF
BUF
BUF
SYNC
CAP
DOZE
EXT
SENS
VSS
VDD
FIGURE 4
LS7231-4 BLOCK DIAGRAM
4
3
2
6
5
1
7
TRIG
(+V)
(-V)
8
APPLICATION EXAMPLE:
A typical implementation of a lamp dimmer circuit is shown in Fig. 5. Here the brightness of the lamp is set by touch-
ing the Touch Plate . The functions of different components are as follows:
•
The 15V DC supply for the chip is provided by Z, D1, R1, C2 and C5.
•
R2 and C4 generate the filtered signal for the SYNC input for synchronizing the internal PLL with the line
frequency.
•
R3 and C7 act as a filter circuit for the electronic extension. If extensions are not used, the EXT input (Pin 6)
should be tied to VDD (Pin 7).
•
R4, R5, R6 set up the sensitivity of the SENS input. C6 provides noise filtering.
•
C3 is the filter capacitor for the internal PLL.
•
R8 provides current limiting and isolation between the chip output and the triac gate.
•
C1 and L are RF filter circuits.
In the case of momentary power failure, the circuit state remains unchanged for a period of up to 1 sec. For longer
power interruptions, the output is shut off.
ø
TRIG
SYNC
TW
TW
FIGURE 3. TRIG OUTPUT CONDUCTION ANGLE, Ø
7231-4 040695-5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com