Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PDTA143EEF Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PDTA143EEF
Description  PNP resistor-equipped transistors; R1 = 4.7 k-ohm, R2 = 4.7 k-ohm
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PDTA143EEF Datasheet(HTML) 2 Page - NXP Semiconductors

  PDTA143EEF Datasheet HTML 1Page - NXP Semiconductors PDTA143EEF Datasheet HTML 2Page - NXP Semiconductors PDTA143EEF Datasheet HTML 3Page - NXP Semiconductors PDTA143EEF Datasheet HTML 4Page - NXP Semiconductors PDTA143EEF Datasheet HTML 5Page - NXP Semiconductors PDTA143EEF Datasheet HTML 6Page - NXP Semiconductors PDTA143EEF Datasheet HTML 7Page - NXP Semiconductors PDTA143EEF Datasheet HTML 8Page - NXP Semiconductors PDTA143EEF Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2004 Aug 04
2
Philips Semiconductors
Product specification
PNP resistor-equipped transistors;
R1 = 4.7 k
Ω, R2 = 4.7 kΩ
PDTA143E series
FEATURES
• Built-in bias resistors
• Simplified circuit design
• Reduction of component count
• Reduced pick and place costs.
APPLICATIONS
• General purpose switching and amplification
• Inverter and interface circuits
• Circuit driver.
QUICK REFERENCE DATA
DESCRIPTION
PNP resistor-equipped transistor (see “Simplified outline,
symbol and pinning” for package details).
SYMBOL
PARAMETER
TYP.
MAX.
UNIT
VCEO
collector-emitter
voltage
−−50
V
IO
output current (DC)
−−100 mA
R1
bias resistor
4.7
−
k
Ω
R2
bias resistor
4.7
−
k
Ω
PRODUCT OVERVIEW
Note
1. * = p: Made in Hong Kong.
* = t: Made in Malaysia.
* = W: Made in China.
TYPE NUMBER
PACKAGE
MARKING CODE
NPN COMPLEMENT
PHILIPS
EIAJ
PDTA143EE
SOT416
SC-75
01
PDTC143EE
PDTA143EEF
SOT490
SC-89
50
PDTC143EEF
PDTA143EK
SOT346
SC-59
01
PDTC143EK
PDTA143EM
SOT883
SC-101
DL
PDTC143EM
PDTA143ES
SOT54 (TO-92)
SC-43
TA143E
PDTC143ES
PDTA143ET
SOT23
−
*01(1)
PDTC143ET
PDTA143EU
SOT323
SC-70
*01(1)
PDTC143EU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com